Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5350SBD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC5350SBD
Description  3-kVRMS Single-Channel Isolated Gate Driver with 8-V UVLO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5350SBD Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC5350SBD Datasheet HTML 3Page - Texas Instruments UCC5350SBD Datasheet HTML 4Page - Texas Instruments UCC5350SBD Datasheet HTML 5Page - Texas Instruments UCC5350SBD Datasheet HTML 6Page - Texas Instruments UCC5350SBD Datasheet HTML 7Page - Texas Instruments UCC5350SBD Datasheet HTML 8Page - Texas Instruments UCC5350SBD Datasheet HTML 9Page - Texas Instruments UCC5350SBD Datasheet HTML 10Page - Texas Instruments UCC5350SBD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
UCC5350SB
www.ti.com
SLLSF39 – SEPTEMBER 2017
Product Folder Links: UCC5350SB
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
Certified according to DIN V VDE
V 0884–11 (VDE V
0884–11):2017–01
Plan to certify according CSA
Component Acceptance Notice
5A, IEC 60950–1
Plan to certify according to UL
1577 Component Recognition
Program
Plan to certify according to GB
4943.1–2011
Basic Insulation Maximum
Transient isolation Overvoltage,
4242 VPK;
Maximum Repetitive Peak
Voltage, 990 VPK;
Maximum Surge Isolation
Voltage, 4242 VPK
Basic insulation and Reinforced
insulation per CSA 60950-1-
07+A1+A2 and IEC 60950-1 2nd
Ed.+A1+A2
Single protection, 3000 VRMS
Basic Insulation, Altitude
≤ 5000
m, Tropical Climate, 250V RMS
maximum working voltage
Certification planned
Certification planned
Certification planned
Certification planned
(1)
The safety-limiting constraint is the maximum junction temperature specified in the data sheet. The power dissipation and junction-to-air
thermal impedance of the device installed in the application hardware determines the junction temperature. The assumed junction-to-air
thermal resistance in the Thermal Information table is that of a device installed on a high-K test board for leaded surface-mount
packages. The power is the recommended maximum input voltage times the current. The junction temperature is then the ambient
temperature plus the power times the junction-to-air thermal resistance.
6.8 Safety Limiting Values
Safety limiting
(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D PACKAGE
IS
Safety output supply
current
RθJA = 103.5°C/W, VCC2 = 15 V, TJ = 150°C, TA = 25°C,
see Figure 1
Output side
77
mA
RθJA = 103.5°C/W, VCC2 = 30 V, TJ = 150°C, TA = 25°C,
see Figure 1
Output side
38.5
PS
Safety output supply
power
RθJA = 103.5°C/W, TJ = 150°C, TA = 25°C, see Figure 2
Input side
0.05
W
Output side
1.16
Total
1.21
TS
Maximum safety
temperature
150
°C


Similar Part No. - UCC5350SBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5350SBD TI1-UCC5350SBD Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5350SBD TI1-UCC5350SBD Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5350SBD TI1-UCC5350SBD Datasheet
2Mb / 60P
[Old version datasheet]   UCC53x0 Single-Channel Isolated Gate Drivers
UCC5350SBDR TI1-UCC5350SBDR Datasheet
1Mb / 56P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
UCC5350SBDR TI1-UCC5350SBDR Datasheet
1Mb / 58P
[Old version datasheet]   Single-Channel Isolated Gate Drivers
More results

Similar Description - UCC5350SBD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5310 TI1-UCC5310_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-kVRMS Single-Channel Isolated Gate Drivers
UCC23513 TI1-UCC23513 Datasheet
8Mb / 29P
[Old version datasheet]   3-A, 5-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC5310 TI1-UCC5310 Datasheet
1Mb / 46P
[Old version datasheet]   4.3-A, 3-kVRMS Isolated Single-Channel Gate Drivers
UCC20520 TI1-UCC20520 Datasheet
977Kb / 42P
[Old version datasheet]   4-A, 6-A, 5.7-kVRMS Isolated Dual-Channel Gate Driver with Single Input
UCC23511 TI1-UCC23511 Datasheet
8Mb / 38P
[Old version datasheet]   UCC23511 1-A, 5.7-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC20225 TI1-UCC20225 Datasheet
1Mb / 44P
[Old version datasheet]   4-A, 6-A, 2.5-kVRMS Isolated Dual-Channel Gate Driver with Single Input in LGA
logo
ON Semiconductor
NCP51561 ONSEMI-NCP51561 Datasheet
3Mb / 32P
   5 kVrms 4.5-A/9-A Isolated Dual Channel Gate Driver
October, 2022 - Rev. 3
NCV51563 ONSEMI-NCV51563 Datasheet
3Mb / 32P
   5 kVRMS, 4.5-A/9-A Isolated Dual Channel Gate Driver
April, 2022 ??Rev. P2
logo
Texas Instruments
UCC23313 TI1-UCC23313 Datasheet
8Mb / 35P
[Old version datasheet]   UCC23313 4-A/5-A, 3.75-kVRMS Opto-Compatible Single Channel Isolated Gate Driver
UCC21220 TI1-UCC21220 Datasheet
724Kb / 39P
[Old version datasheet]   4-A, 6-A, 3.0-kVRMS Isolated Dual-Channel Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com