Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC24612-2DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612-2DBVR
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612-2DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC24612-2DBVR Datasheet HTML 4Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 5Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 6Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 7Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 8Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 9Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 10Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 11Page - Texas Instruments UCC24612-2DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
-15
-14.5
-14
-13.5
-13
-12.5
-12
-11.5
-11
-10.5
-10
-9.5
-9
-8.5
D003
5.5V VDD
12V VDD
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
-500
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
D002
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
3.95
4
4.05
4.1
4.15
4.2
4.25
4.3
4.35
4.4
4.45
4.5
4.55
D001
UVLO ON
UVLO OFF
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D004
5V VDD
12V VDD
24V VDD
8
UCC24612
SLUSCM5 – AUGUST 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 1. UVLO Threshold Voltage vs. Temperature
Figure 2. Bias Supply Current vs. Temperature
Figure 3. SR Turn Off Threshold Voltages vs. Temperature
Figure 4. SR Turn On Threshold Voltage vs. Temperature


Similar Part No. - UCC24612-2DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610 TI-UCC24610 Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610D TI-UCC24610D Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610D TI1-UCC24610D Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610DR TI-UCC24610DR Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610DR TI1-UCC24610DR Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
More results

Similar Description - UCC24612-2DBVR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
   Constant Frequency, Synchronous Current Mode Buck Controller
logo
Dialog Semiconductor
IW671 DIALOG-IW671 Datasheet
529Kb / 7P
   Digital Green-Mode Synchronous Rectifier Controller
logo
Renesas Technology Corp
IW671 RENESAS-IW671 Datasheet
636Kb / 7P
   Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW673 RENESAS-IW673 Datasheet
522Kb / 7P
   Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
logo
Dialog Semiconductor
IW673 DIALOG-IW673 Datasheet
376Kb / 6P
   Digital Green-Mode Synchronous Rectifier Controller
logo
Linear Technology
LTC3775 LINER-LTC3775 Datasheet
409Kb / 32P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
LTC3775 LINER-LTC3775_15 Datasheet
545Kb / 34P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com