Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC24612-1DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24612-1DBVT
Description  High-Frequency Multi-Mode Synchronous Rectifier Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24612-1DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC24612-1DBVT Datasheet HTML 2Page - Texas Instruments UCC24612-1DBVT Datasheet HTML 3Page - Texas Instruments UCC24612-1DBVT Datasheet HTML 4Page - Texas Instruments UCC24612-1DBVT Datasheet HTML 5Page - Texas Instruments UCC24612-1DBVT Datasheet HTML 6Page - Texas Instruments UCC24612-1DBVT Datasheet HTML 7Page - Texas Instruments UCC24612-1DBVT Datasheet HTML 8Page - Texas Instruments UCC24612-1DBVT Datasheet HTML 9Page - Texas Instruments UCC24612-1DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
UCC24612
SLUSCM5 – AUGUST 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
At VDD = 12 VDC, CVG = 0 pF, CREG = 2.2 µF, −40°C ≤ TJ = TA ≤ +125°C, all voltages are with respect to VS, and currents are
positive into and negative out of the specified terminal, unless otherwise noted. Typical values are at TJ = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BIAS SUPPLY
IVDDSTART
VDD current, REG undervoltage
VDD = 4 V, VD = 0 V
120
μA
IVDDRUN
VDD current, run
VDD = 12 V
0.95
mA
VDD = 5 V
0.9
mA
IVDDSTBY
VDD current, standby mode
VDD = 12 V
390
μA
VDD = 5 V
320
μA
UNDERVOLTAGE LOCKOUT (UVLO)
VREGON
REG turnon threshold
Turnon detected by
4.5
V
VREGOFF
REG turnoff threshold
Turnoff detected by
4
V
VREGHYST
UVLO hysteresis
VREGHYST = VREGON – VREGOFF
0.5
V
MOSFET VOLTAGE SENSING
VTHVGON
GATE turnon threshold
VD falling
-226
mV
VTHVGOFF
GATE turnoff threshold
VD rising
-10
mV
VTHREGLO
Low level regulation threshold
-50
mV
VTHREGCCM
High level regulation threshold for
CCM
-150
mV
VTHARM
Gate re-arming threshold
0.5
V
IVDBIAS
VD pin bias current
VD = –100 mV
-0.9
µA
GATE DRIVER
RSOURCE
VG pullup resistance
IVG = –20 mA, VDD = 12 V
5.7
Ω
RSINK
VG pulldown resistance
IVG = 100 mA, VDD = 12 V
0.62
Ω
VGH
VG clamp level
9.4
V
VGL
VG output low voltage
IVG = 100 mA, VDD = 12 V
60
mV
VOLGUV
VG output low voltage in UVLO
IVG = 25 mA, VDD = 4 V
0.7
V
IVGPU
Gate driver maximum source
current
1
A
IVGPD
Gate driver maximum sink current
4
A
REG SUPPLY
VREG
REG pin regulation level
VDD = 12 V
9.42
V
VREGLG
Load regulation on REG
VDD = 12 V, ILOAD_REG= 10 mA to 0
mA
0.015
V
VREGDO
REG drop out on passthrough
mode
VDD = 5 V, ILOAD_REG= 10 mA
0.28
V
IREGSC
REG short circuit current
VDD = 12 V, VREG = 0 V
5.2
mA
IREGLIM
REG current limit
VDD = 12 V, VREG = 8V
42
mA


Similar Part No. - UCC24612-1DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610 TI-UCC24610 Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610D TI-UCC24610D Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610D TI1-UCC24610D Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610DR TI-UCC24610DR Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610DR TI1-UCC24610DR Datasheet
1Mb / 35P
[Old version datasheet]   GREEN Rectifier Controller Device
More results

Similar Description - UCC24612-1DBVT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
   Constant Frequency, Synchronous Current Mode Buck Controller
logo
Dialog Semiconductor
IW671 DIALOG-IW671 Datasheet
529Kb / 7P
   Digital Green-Mode Synchronous Rectifier Controller
logo
Renesas Technology Corp
IW671 RENESAS-IW671 Datasheet
636Kb / 7P
   Digital Green-Mode Synchronous Rectifier Controller
02-Feb-2022
IW673 RENESAS-IW673 Datasheet
522Kb / 7P
   Digital Green-Mode Synchronous Rectifier Controller
20-Feb-2022
logo
Dialog Semiconductor
IW673 DIALOG-IW673 Datasheet
376Kb / 6P
   Digital Green-Mode Synchronous Rectifier Controller
logo
Linear Technology
LTC3775 LINER-LTC3775 Datasheet
409Kb / 32P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
LTC3775 LINER-LTC3775_15 Datasheet
545Kb / 34P
   High Frequency Synchronous Step-Down Voltage Mode DC/DC Controller
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com