Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS7025-CTM Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS7025-CTM
Description  Serial Digital Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7025-CTM Datasheet(HTML) 3 Page - Gennum Corporation

  GS7025-CTM Datasheet HTML 1Page - Gennum Corporation GS7025-CTM Datasheet HTML 2Page - Gennum Corporation GS7025-CTM Datasheet HTML 3Page - Gennum Corporation GS7025-CTM Datasheet HTML 4Page - Gennum Corporation GS7025-CTM Datasheet HTML 5Page - Gennum Corporation GS7025-CTM Datasheet HTML 6Page - Gennum Corporation GS7025-CTM Datasheet HTML 7Page - Gennum Corporation GS7025-CTM Datasheet HTML 8Page - Gennum Corporation GS7025-CTM Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
GENNUM CORPORATION
522 - 80 - 00
3
LOCK Output Sink Current
500
-
-
µA
3
1
CLK_EN Source Current
Low
-
26
55
µA
1
NOTES
1. TYPICAL - measured on characterization board.
2. VDIFF is the differential input signal swing.
3. LOCK is an open collector output and requires an external pullup resistor.
4. If OEM_TEST is permanently enabled, operating temperature range is limited from 0°C to 60°C inclusive.
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
AC ELECTRICAL CHARACTERISTICS
VCC = 5.0V, VEE = 0V, TA = 25°C unless otherwise stated, RLF = 1.8k, CLF1 = 15nF, CLF2 = 3.3pF
PARAMETER
CONDITIONS
MIN
TYPICAL
1
MAX
UNITS
NOTES
TEST
LEVEL
Serial Data Rate
SDI
-
270 (only)
-
Mb/s
1
Maximum Equalizer Gain
(see Figure 3)
@ 135MHz
-
35
-
dB
7
Additive Jitter
[Pseudorandom (2
23 -1)]
270Mb/s, 300m
(Belden 8281)
-
300
-
ps p-p
2, 7
3
Intrinsic Jitter
[Pseudorandom (2
23 -1)]
270Mb/s
-
185
-
ps p-p
2, 6
4
Intrinsic Jitter
[Pathological (SDI checkfield)]
270Mb/s
-
462
-
ps p-p
2, 6
1
Input Jitter Tolerance
270Mb/s
0.40
0.56
-
UI p-p
3, 6
1
Lock Time -
Synchronous Switch
tswitch < 0.5µs, 270Mb/s
-
1
-
µs
4
7
0.5µs< tswitch <10ms
-
1
-
ms
tswitch > 10 ms
-
4
-
ms
Carrier Loss Time
0.5
1
2
µs
5
7
SDO to SCO Synchronization
-200
0
200
ps
7
SDO, SCO Output Signal Swing
75
Ω DC load
600
800
1000
mV p-p
1
SDO, SCO Rise & Fall times
20%-80%
200
300
400
ps
7
SDI/SDI Input Resistance
-
10
-
k
76
SDI/SDI Input Capacitance
-
1.0
-
pF
7
6
SDI/SDI Input Return Loss
at 270MHz
15
20
-
dB
7
6
DC ELECTRICAL CHARACTERISTICS (continued)
VCC = 5.0V, TA = 25°C unless otherwise stated, RLF = 1.8k, CLF1 = 15nF, CLF2 = 3.3pF
PARAMETER
CONDITION
MIN
TYPICAL
1
MAX
UNITS
NOTES
TEST LEVEL


Similar Part No. - GS7025-CTM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS7025-CQME3 GENNUM-GS7025-CQME3 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
More results

Similar Description - GS7025-CTM

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com