Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB5U Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # MB5U
Description  High Performance isolated BiSS to PC Adapter (USB)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB5U Datasheet(HTML) 1 Page - IC-Haus GmbH

  MB5U Datasheet HTML 1Page - IC-Haus GmbH MB5U Datasheet HTML 2Page - IC-Haus GmbH MB5U Datasheet HTML 3Page - IC-Haus GmbH MB5U Datasheet HTML 4Page - IC-Haus GmbH MB5U Datasheet HTML 5Page - IC-Haus GmbH MB5U Datasheet HTML 6Page - IC-Haus GmbH MB5U Datasheet HTML 7Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
preliminary
preliminary
MB5U
High Performance isolated BiSS to PC Adapter (USB)
Rev A2, Page 1/7
FEATURES
USB 2.0 high speed PC interface
FPGA based logic
Hardware implemented interface protocols
Fast realtime data communication (10 MHz BiSS; 4 MHz SSI)
API for Windows: BiSS-Interface DLL
Field capable design: box, field interfaces, USB bus powered
Galvanic isolation
USB powered 5 V VDD supply for external applications
Supported interfaces:
BiSS / SSI controlled by FPGA application
APPLICATIONS
BiSS / SSI application
development
BiSS / SSI debugging
Flexible interface configuration
Encoder calibration
Portable applications
SYSTEM VIEW
Copyright © 2015 iC-Haus
http://www.ichaus.com


Similar Part No. - MB5U

ManufacturerPart #DatasheetDescription
logo
GREATECS
MB5 GREATECS-MB5 Datasheet
599Kb / 1P
   Push & Lever Multifunction Switches with Click Feel
logo
List of Unclassifed Man...
MB5 ETC2-MB5 Datasheet
541Kb / 3P
   Multipurpose Boxes with Lids
logo
SL Power Electronics
MB5-3-OV-A SLPOWER-MB5-3-OV-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
Insel Rectifier India P...
MB50 IRI-MB50 Datasheet
585Kb / 4P
   BRIDGE RECTIFIER
MB50-10 IRI-MB50-10 Datasheet
585Kb / 4P
   BRIDGE RECTIFIER
More results

Similar Description - MB5U

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
MB3U ICHAUS-MB3U Datasheet
517Kb / 7P
   BiSS TO PC-USB ADAPTER
MB3U ICHAUS-MB3U_17 Datasheet
1Mb / 16P
   BiSS, SSI, PC-USB ADAPTER
MB4U ICHAUS-MB4U Datasheet
1Mb / 5P
   BiSS, SSI, PC-USB 2.0 ADAPTER
MB4U ICHAUS-MB4U_17 Datasheet
1Mb / 16P
   BiSS, SSI, PC-USB 2.0 ADAPTER
MB4U ICHAUS-MB4U_11 Datasheet
1Mb / 5P
   BiSS, SSI, PC-USB 2.0 ADAPTER
MB3A ICHAUS-MB3A Datasheet
177Kb / 2P
   BiSS to PC-LPT ADAPTER
IC-TOOLSSC ICHAUS-IC-TOOLSSC Datasheet
3Mb / 9P
   SIN/COS INTERFACE ADAPTER TO PC-USB 2.0
logo
Coolgear Inc.
USB-COMI-SI-M COOLGEAR-USB-COMI-SI-M Datasheet
124Kb / 3P
   USB to Optical Adapter Industrial Isolated RS-422/485
USB-2COMI-SI-M COOLGEAR-USB-2COMI-SI-M Datasheet
129Kb / 2P
   2 Port USB to RS-422 /485 Optical Isolated Adapter
logo
List of Unclassifed Man...
USA-19HS ETC2-USA-19HS Datasheet
494Kb / 2P
   Keyspan High-Speed USB to Serial Adapter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com