Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L0603C1N0SRMST Datasheet(PDF) 1 Page - Kemet Corporation

Part # L0603C1N0SRMST
Description  RF, L-RMS, 1000 pH, /-0.3 nH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0603C1N0SRMST Datasheet(HTML) 1 Page - Kemet Corporation

  L0603C1N0SRMST Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - bf969faf-2783-4fcf-9a0f-0f1c68b6d4ac
KEMET Part Number: L0603C1N0SRMST
RF, L-RMS, 1000 pH, +/-0.3 nH
Dimensions
Chip Size
0603
L
1.6mm +/-0.15mm
W
0.8mm +/-0.15mm
T
0.8mm +/-0.15mm
LL
0.3mm +/-0.2mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: L-RMS
Description: Surface Mount Inductor
RoHS: Yes
Core: Ceramic
Winding Type: Multilayer
Specifications
Inductance: 0.001 uH (100 MHz)
Inductance Tolerance: +/-0.3 nH
Temperature Range: -40/+85C
Current: 300 mAmps (MAX)
DC Resistance: 50 mOhms
Quality Factor: 14 at 100 MHz, 40 at 500 MHz,
70 at 800 MHz, 90 at 1000 MHz
Self-Resonant Frequency: 10000 MHz
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - L0603C1N0SRMST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0603C100KSMST KEMET-L0603C100KSMST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
L0603C100MDWST KEMET-L0603C100MDWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C100MPMST KEMET-L0603C100MPMST Datasheet
251Kb / 1P
   KEMET, L-PMS, Commercial Grade, 10 uH, 20%
L0603C101MDWST KEMET-L0603C101MDWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
L0603C10NMDWST KEMET-L0603C10NMDWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
More results

Similar Description - L0603C1N0SRMST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0402C1N0SRMST KEMET-L0402C1N0SRMST Datasheet
53Kb / 1P
   KEMET, L-RMS, RF, 1000 pH, /-0.3 nH
L0603C4N7SRMST KEMET-L0603C4N7SRMST Datasheet
51Kb / 1P
   RF, L-RMS, 4700 pH, /-0.3 nH
L0402C3N9SRMST KEMET-L0402C3N9SRMST Datasheet
53Kb / 1P
   KEMET, L-RMS, RF, 3900 pH, /-0.3 nH
L0402C1N2SRMST KEMET-L0402C1N2SRMST Datasheet
53Kb / 1P
   KEMET, L-RMS, RF, 1200 pH, /-0.3 nH
L0402C1N8SRMST KEMET-L0402C1N8SRMST Datasheet
53Kb / 1P
   KEMET, L-RMS, RF, 1800 pH, /-0.3 nH
L0402C2N2SRMST KEMET-L0402C2N2SRMST Datasheet
53Kb / 1P
   KEMET, L-RMS, RF, 2200 pH, /-0.3 nH
L0402C5N1SRMST KEMET-L0402C5N1SRMST Datasheet
53Kb / 1P
   KEMET, L-RMS, RF, 5100 pH, /-0.3 nH
L0402C2N0SRMST KEMET-L0402C2N0SRMST Datasheet
53Kb / 1P
   KEMET, L-RMS, RF, 2000 pH, /-0.3 nH
L0402C2N7SRMST KEMET-L0402C2N7SRMST Datasheet
53Kb / 1P
   KEMET, L-RMS, RF, 2700 pH, /-0.3 nH
L0402C1N5SRMST KEMET-L0402C1N5SRMST Datasheet
53Kb / 1P
   KEMET, L-RMS, RF, 1500 pH, /-0.3 nH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com