Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1Z4V3 Datasheet(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # MM1Z4V3
Description  Silicon planar zener diode in a small plastic
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

MM1Z4V3 Datasheet(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  MM1Z4V3 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM1Z4V3 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. MM1Z4V3 Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MM1Z2V0~MM1Z120
SILICON PLANAR ZENER DIODES
Silicon planar zener diode in a small plastic
Features
Total power dissipation: max. 500 mW
Small plastic package suitable for
surface mounted design
Wide variety of voltage ranges:
nom.2.0 to 120V (E24 range)
Tolerance approximately + / - 5%
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Zener Current see Table “Characteristics”
Power Dissipation
Ptot
500
mW
Junction Temperature
Tj
150
OC
Storage Temperature Range
TS
-55 to +150
OC
Characteristics at Tamb = 25
oC
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance
Junction to Ambient Air
RthA
-
-
0.3
K/mW
Forward Voltage
at IF = 10mA
VF
-
-
0.9
V
Top view
2
1
Simplified outline SOD-123 and symbol
Anode
Cathode
1.15(.045)
1.05(.041)
.135(.005)
.127(.004)
0.6(.023)
0.5(.020)
3.9(0.154)
3.7(0.146)
1.65(.065)
1.55(.061)
2.7(0.106)
2.6(0.102)
Dimensions in millimeters and (inches)
Dimensions in millimeters and (inches)


Similar Part No. - MM1Z4V3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM1Z4V3 EIC-MM1Z4V3 Datasheet
108Kb / 2P
   ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
MM1Z4V3 SEMTECH_ELEC-MM1Z4V3 Datasheet
272Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z4V3 HTSEMI-MM1Z4V3 Datasheet
236Kb / 4P
   SILICON PLANAR ZENER DIODES
logo
Microdiode Electronics ...
MM1Z4V3 CHENDA-MM1Z4V3 Datasheet
890Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nanjing International G...
MM1Z4V3 DGNJDZ-MM1Z4V3 Datasheet
1Mb / 4P
   Silicon Planar Zener Diodes
More results

Similar Description - MM1Z4V3

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LEZ52C5V1-5 LEIDITECH-LEZ52C5V1-5 Datasheet
519Kb / 4P
   General Description Silicon planar zener diode in a small plastic
logo
NXP Semiconductors
BAP65-02.115 NXP-BAP65-02.115 Datasheet
108Kb / 9P
   Planar PIN diode in a SOD523 ultra small SMD plastic package
Rev. 5-28 September 2010
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Semtech Corporation
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
   SILICON PLANAR ZENER DIODE
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
   SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com