Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1060 Datasheet(PDF) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SF1060
Description  100 to 600 Volts Forward Current - 10 Amperes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SF1060 Datasheet(HTML) 2 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SF1060 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SF1060 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SF1010 THRU SF1060
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Fig.5 PEAK FORWARD SURGE CURRENT
NO. OF CYCLES AT
60Hz
1
10
100
15
30
45
60
75
90
105
Fig.3 FORWARD CHARACTERISTICS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2 TYPICAL JUNCTION CAPACITANCES
Fig.4 TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE, volts
REVERSE VOLTAGE, VOLTS
O
CASE TEMPERATURE, C
25
100
300
40
250
200
20
10
4
100
150
2
50
1
0
0
2.0
4.0
6.0
8.0
10.0
12.0
50
75
100
125
150
175
100
.01
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
1.8
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
100-200V
300-400V
J
T=25 C
O
1000
100
1.0
20
40
60
80 100
120
O
J
T= 25 C
O
J
T= 125 C
1
0.1
10
40
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
500-600V


Similar Part No. - SF1060

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SF1060 LUGUANG-SF1060 Datasheet
175Kb / 2P
   Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
858Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Zibo Seno Electronic En...
SF1060 ZSELEC-SF1060 Datasheet
98Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Comchip Technology
SF1060-G COMCHIP-SF1060-G Datasheet
76Kb / 3P
   SMD Super Fast Recovery Rectifiers
More results

Similar Description - SF1060

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
MUR1010CT CHENDA-MUR1010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
MUR1010 CHENDA-MUR1010 Datasheet
957Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
SF1010CT CHENDA-SF1010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
MUR1610CT CHENDA-MUR1610CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 16 Amperes
SF2010CT CHENDA-SF2010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 20 Amperes
MUR2010CT CHENDA-MUR2010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 20 Amperes
MUR810 CHENDA-MUR810 Datasheet
753Kb / 2P
   100 to 600 Volts Forward Current - 8 Amperes
SF810 CHENDA-SF810 Datasheet
753Kb / 2P
   100 to 600 Volts Forward Current - 8 Amperes
SF1610CT CHENDA-SF1610CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 16 Amperes
MURF810 CHENDA-MURF810 Datasheet
754Kb / 2P
   100 to 600 Volts Forward Current - 8 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com