Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR606G Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # FR606G
Description  6.0A GLASS PASSIVATED FAST RECOVERY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

FR606G Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  FR606G Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd FR606G Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

0
2
4
6
8
0
25
50
75
100 125 150 175
T , AMBIENT TEMPERATURE ( C)
Fig. 1, Typical Forward Current Derating Curve
A
°
0.1
1
10
100
1000
0.6 0.8
1.0
1.2
1.4
1.6
1.8
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 3, Typical Instantaneous Forward Characteristics
F
T = 25 C
Pulse Width = 300 s
1% Duty Cycle
J
°
µ
0
100
150
200
250
300
350
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 2 Max Non-Repetitive Peak Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
1.0
10
100
1000
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25 C
f = 1.0MHz
j
°
50V DC
Approx
50 NI (Non-inductive)
10 NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
FR601G – FR607G
FR601G – FR607G
Alldatasheet


Similar Part No. - FR606G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR606G JGD-FR606G Datasheet
147Kb / 2P
   6.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Shenzhen Taychipst Elec...
FR606G TAYCHIPST-FR606G Datasheet
1Mb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR606G HY-FR606G Datasheet
339Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Dc Components
FR606G DCCOM-FR606G Datasheet
460Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Microdiode Electronics ...
FR606G CHENDA-FR606G Datasheet
74Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Similar Description - FR606G

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
PG600R ZSELEC-PG600R Datasheet
132Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
PR6001G ZSELEC-PR6001G Datasheet
133Kb / 2P
   6.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
TAITRON Components Inco...
TF601LG TAITRON-TF601LG Datasheet
130Kb / 4P
   6.0A Glass Passivated Fast Recovery Rectifier
EGP60A TAITRON-EGP60A Datasheet
128Kb / 4P
   6.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
PR6001 ZSELEC-PR6001 Datasheet
132Kb / 2P
   6.0A FAST RECOVERY DIODE
FR601 ZSELEC-FR601 Datasheet
98Kb / 2P
   6.0A FAST RECOVERY DIODE
logo
Won-Top Electronics
FR601 WTE-FR601_06 Datasheet
61Kb / 4P
   6.0A FAST RECOVERY DIODE
FR101G WTE-FR101G Datasheet
55Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
1N4933G WTE-1N4933G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
Zibo Seno Electronic En...
FR101G ZSELEC-FR101G Datasheet
117Kb / 2P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com