Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ70A Datasheet(PDF) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # SMDJ70A
Description  5.0-170 Volts Peak pulse power: 3000 Watts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

SMDJ70A Datasheet(HTML) 5 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  SMDJ70A Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ70A Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ70A Datasheet HTML 3Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ70A Datasheet HTML 4Page - Microdiode Electronics (Jiangsu) Co.,Ltd. SMDJ70A Datasheet HTML 5Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Marking Code
MDD
MDD
Logo
Logo
Packaging
GDE
BDE
Tape
Symbol
Dimension (mm)
W
16.00±0.20
P0
4.00±0.10
P1
8.00±0.10
P2
2.00±0.10
D0
Φ1.5±0.10
D1
Φ1.5±0.10
E
1.75±0.10
F
7.50±0.10
A0
6.27±0.10
B0
8.30±0.10
K0
3.15±0.15
T
0.30±0.05
7” Reel
D2
Φ178.0±2.0
D3
Φ50.0Min.
D4
Φ13.0±0.5
W1
20.0±2.0
Quantity: 500PCS
13” Reel
D5
Φ330.0±2.0
D6
Φ13.5±0.5
H
2.5±1.0
W2
20.0±2.0
Quantity: 3000PCS


Similar Part No. - SMDJ70A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ70A ETC1-SMDJ70A Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Littelfuse
SMDJ70A LITTELFUSE-SMDJ70A Datasheet
1,011Kb / 6P
   TVS Diodes Surface Mount ? 3000W > SMDJ series
Revised: JC.10/29/20
logo
SUNMATE electronic Co.,...
SMDJ70A SUNMATE-SMDJ70A Datasheet
537Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Yint Electroni...
SMDJ70A YINT-SMDJ70A Datasheet
1Mb / 5P
   SMDJ Transient Voltage Suppressor Diode Series
logo
MDE Semiconductor, Inc.
SMDJ70A MDE-SMDJ70A Datasheet
118Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMDJ70A

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
5.0SMDJ CHENDA-5.0SMDJ Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
P4SMAFJ8.5A CHENDA-P4SMAFJ8.5A Datasheet
1Mb / 3P
   8.5-170 Volts Peak pulse power: 400 Watts
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Gaomi Xinghe Electronic...
SMAJ5.0 GXELECTRONICS-SMAJ5.0 Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR Reverse Voltage - 5.0 to 170 Volts PEAK PULSE POWER-300 WATTS
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
StarHope
TVS-SMDJ SPSEMI-TVS-SMDJ Datasheet
154Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 170 Volts 3000 Watt Peak Pulse Power
logo
Jinan Jingheng (Group) ...
3KP JINANJINGHENG-3KP Datasheet
775Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER-3000 Watts
logo
Comchip Technology
TV15C5V0-171 COMCHIP-TV15C5V0-171 Datasheet
2Mb / 4P
   Working Peak Reverse Voltage : 5.0 - 170 Volts , Power Dissipation : 1500 Watts , RoHS Device
logo
Microdiode Electronics ...
P6SMB CHENDA-P6SMB Datasheet
2Mb / 4P
   6.8-550 Volts Peak pulse power: 600 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com