Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME271Y568MR30 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PME271Y568MR30
Description  EMI suppressor, class Y2, metallized paper
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271Y568MR30 Datasheet(HTML) 1 Page - Kemet Corporation

  PME271Y568MR30 Datasheet HTML 1Page - Kemet Corporation PME271Y568MR30 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6
Evox Rifa Leaded Film Capacitors
RoHS
Compliant
L
B
p
± 0.5
∅ d
d = 0.6 for p = 10.2
0.8 for p = 15.2, 20.3, 22.5
1.0 for p = 25.4
l = standard 30 +5/-0 mm (code R30)
option
short leads, tolerance +0/-1 mm
(standard 6 mm, code R06)
Other lead lengths on request.
Suppression versus frequency. Typical values.
1
MHz
70
60
50
40
30
20
10
0
f
dB
5
30
10
100
3
200
Attenuation
0.0047
µF
0.047
µF
0.47
µF
PmE271y
PmE271ya-E
250
300
0.001–0.1
0.001–0.15
–40/+100
–40/+115
40/100/56/B
40/115/56/B
± 10% for C > 0.1 µF, code K
± 20% for C
≤ 0.1 µF, code M
ENEC, UL, CSA
≤ 1.3 % at 1 kHz
C
≤ 0.33 µF ≥ 12000 MΩ
Measured at 500 VDC after 60 s, +23°C
Recommended voltage:
≤ 1000 VDC
Tabulated self-resonance frequencies f
0 refer to 5 mm
lead lengths.
The 100% screening factory test is carried out at 3000
VDC. The voltage level is selected to meet the
requirements in applicable equipment standards. All
electrical characteristics are checked after the test.
pmE271Y
• Emi suppressor, class y2, metallized paper
• 0.001 – 0.15 µf, 250 vac up to +100 °c, 300 vac up to +115 °c
tYpiCaL appLiCations
ConstRuCtion
tECHniCaL data
The capacitors are intended for use as
interference suppressors in Y2 (line-to-
earth) applications.
Multi-layer metallized paper. Encapsulated
and impregnated in self-extinguishing
material meeting the requirements of UL
94V-0.
rated voltage vac, 50/60hz
capacitance range µf
temperature range °c
climatic category iEc
capacitance tolerance
approvals
dissipation factor tan
δ
insulation resistance
in dc applications
resonance frequency
test voltage between
terminals
EnViRonmEntaL tEst data
vibration
IEC 60068-2-6, Test Fc
3 directions at 2 hour each,
No visible damage, No open or short circuit
10 – 500 Hz at 0.75 mm or 98 m/s2
Bump
IEC 60068-2-29, Test Eb
4000 bumps at 390 m/s2
No visible damage, No open or short circuit
solderability
IEC 60068-2-20, Test Ta
Solder globule method
Wetting time
for d
≤ 0.8 < 1 s
for d > 0.8 < 1.5 s
active flammability
EN/IEC 60384-14:2005
Passive flammability EN/IEC 60384-14:2005
humidity
IEC 60068-2-3, Test Ca
+40°C and 90 – 95% R.H.
56 days
• The highest possible safety regarding
active and passive flammability.
• Self-extinguishing UL 94V-0
encapsulation material.
• Excellent self-healing properties.
Ensures long life even when subjected to
frequent overvoltages.
• Good resistance to ionisation due to
impregnated dielectric.
• High dU/dt capability.
• Small dimensions.
• Safety approvals for worldwide use.
• The capacitors meet the most stringent
IEC humidity class, 56 days.
L
B
p
± 0.5
∅ d
d = 0.6 for p = 10.2
0.8 for p = 15.2, 20.3, 22.5
1.0 for p = 25.4
l = standard 30 +5/-0 mm (code R30)
option
short leads, tolerance +0/-1 mm
(standard 6 mm, code R06)
Other lead lengths on request.
Suppression versus frequency. Typical values.
1
MHz
70
60
50
40
30
20
10
0
f
dB
5
30
10
100
3
200
Attenuation
0.0047
µF
0.047
µF
0.47
µF
• The impregnated paper ensures
excellent stability giving outstanding
reliability properties, especially in
applications having continuous
operation.
d = 0.6 for p = 10.2
0.8 for p = 15.2, 20.3, 22.5
1.0 for p = 25.4
l = standard: 30 +5/-0 mm (code R30)
option 1: short leads, tolerance +0/-1 mm
(standard 6 mm, code R06)
Other lead lengths on request
option 2: 30 mm insulated solid leads,
ordering code: replace R30
with R300PS in std P/N


Similar Part No. - PME271Y568MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME271Y568MR30 ETC1-PME271Y568MR30 Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
More results

Similar Description - PME271Y568MR30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
logo
Kemet Corporation
PHE850 KEMET-PHE850 Datasheet
199Kb / 2P
   EMI suppressor, class Y2, metallized polypropylene
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME294 ETC-PME294 Datasheet
48Kb / 2P
   EMI suppressor, class Y1, metallized paper
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com