Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME271E510M Datasheet(PDF) 2 Page - Kemet Corporation

Part # PME271E510M
Description  EMI suppressor, classes X1, X2 and Y2, metallized paper
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271E510M Datasheet(HTML) 2 Page - Kemet Corporation

  PME271E510M Datasheet HTML 1Page - Kemet Corporation PME271E510M Datasheet HTML 2Page - Kemet Corporation PME271E510M Datasheet HTML 3Page - Kemet Corporation PME271E510M Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
121
PME271
ARTICLE TABLE
0.0010
3.9
7.5
13.5 10.2
1000
2000
700
0.7
53.0
1200
√ √ √ √ √ √ √ √
PME271M410M
0.0015
3.9
7.5
13.5 10.2
1000
2000
700
0.7
44.0
1200
√ √ √ √ √ √ √ √
PME271M415M
0.0022
3.9
7.5
13.5 10.2
1000
2000
700
0.7
37.0
1200
√ √ √ √ √ √ √ √
PME271M422M
0.0033
4.1
8.2
13.5 10.2
1000
2000
600
0.9
30.0
1200
√ √ √ √ √ √ √ √
PME271M433M
0.0047
5.1
10.5
13.5 10.2
800
1600
600
1.2
24.0
1200
√ √ √ √ √ √ √ √
PME271M447M
0.0068
5.2
10.5
18.5 15.2
500
1000
600
1.7
18.5
1200
√ √ √ √ √ √ √ √
*) PME271M468M
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
15.5
1200
√ √ √ √ √ √ √ √ √ *) PME271M510M
0.015
5.2
10.5
18.5 15.2
500
1000
600
1.7
13.0
1200
√ √ √ √ √ √ √ √ √ *) PME271M515M
0.022
6.0
12.5
18.5 15.2
400
800
400
3.0
10.0
1200
√ √ √ √ √ √ √ √ √ *) PME271M522M
0.033
6.0
12.5
18.5 15.2
400
800
400
3.0
8.4
1200
√ √ √ √ √ √ √ √ √ *) PME271M533M
0.047
6.0
12.5
18.5 15.2
400
800
400
3.0
7.0
1200
√ √ √ √ √ √ √ √ √ *) PME271M547M
0.068
7.8
13.5
18.5 15.2
400
800
400
3.3
5.6
1200
√ √ √ √ √ √ √ √ √ *) PME271M568M
0.10
8.5
14.1
18.5 15.2
300
600
360
3.8
4.3
1200
√ √ √ √ √ √ √ √ √ *) PME271MB6100M
0.10
7.6
14.0
24.0 20.3
250
1500
250
4.0
4.1
600
√ √ √ √ √ √ √ √ √ *) PME271M610M
0.15
9.0
15.0
24.0 20.3
200
1200
250
5.0
3.4
600
√ √ √ √ √ √ √ √ √ *) PME271M615K
0.22
11.3
16.5
24.0 20.3
150
1000
180
7.0
2.7
600
√ √ √ √ √ √ √ √ √ *) PME271M622K
0.10
8.0
17.0
27.0 22.5
200
1200
250
5.5
3.9
600
√ √ √ √ √ √ √ √ √
PME271MD6100M
0.15
8.0
17.0
27.0 22.5
200
1200
250
5.5
3.3
600
√ √ √ √ √ √ √ √ √
PME271MD6150K
0.22
10.0
19.0
27.0 22.5
150
1000
250
7.5
2.6
600
√ √ √ √ √ √ √ √ √
PME271MD6220K
0.27
12.0
22.0
27.0 22.5
100
800
10.0
2.3
400
√ √ √ √ √ √ √ √ √
PME271MD6270K
0.33
12.0
22.0
27.0 22.5
100
800
10.0
2.1
400
√ √ √ √ √ √ √ √ √
PME271MD6330K
0.27
10.5
17.3
30.5 25.4
100
1000
8.5
2.4
400
√ √ √ √ √ √ √ √ √
PME271M627K
0.33
12.1
19.0
30.5 25.4
100
800
10.0
2.1
400
√ √ √ √ √ √ √ √ √
PME271M633K
0.47
15.3
22.0
30.5 25.4
75
600
15.0
1.8
400
√ √ √ √ √ √ √ √ √
PME271M647K
0.60
15.3
22.0
30.5 25.4
75
600
15.0
1.6
400
√ √ √ √ √ √ √ √ √
PME271M660K
CLASS X1 300 VAC +110 °C PME271 E
0.010
5.2
10.5
18.5 15.2
500
1000
600
1.7
15.5
1200
√ √ √ √ √ √ √ √
*) PME271E510M
0.015
5.2
10.5
18.5 15.2
500
1000
600
1.7
13.0
1200
√ √ √ √ √ √ √ √
*) PME271E515M
0.022
7.3
13.0
19.0 15.2
400
800
400
3.0
9.8
1200
√ √ √ √ √ √ √ √
*) PME271E522M
0.033
7.3
13.0
19.0 15.2
400
800
400
3.0
7.0
1200
√ √ √ √ √ √ √ √
*) PME271E533M
0.047
8.5
14.3
18.5 15.2
300
600
400
3.8
6.4
1200
√ √ √ √ √ √ √ √
*) PME271E547M
0.068
7.6
14.0
24.0 20.3
250
1500
250
4.5
5.2
600
√ √ √ √ √ √ √ √
*) PME271E568M
0.10
11.3
16.5
24.0 20.3
150
1000
180
7.0
4.1
600
√ √ √ √ √ √ √ √
*) PME271E610M
0.068
8.0
17.0
27.0 22.5
200
1200
250
5.5
4.7
600
√ √ √ √ √ √ √ √
PME271ED5680M
0.10
8.0
17.0
27.0 22.5
200
1200
250
5.5
4.1
600
√ √ √ √ √ √ √ √
PME271ED6100M
0.15
10.0
19.0
27.0 22.5
150
1000
250
5.5
3.2
600
√ √ √ √ √ √ √ √
PME271ED6150K
0.22
12.0
22.0
27.0 22.5
100
800
5.5
2.5
600
√ √ √ √ √ √ √ √
PME271ED6220K
0.15
10.6
16.1
30.5 25.4
150
1000
8.6
3.3
400
√ √ √ √ √ √ √ √
PME271E615K
0.22
12.1
19.0
30.5 25.4
100
800
10.0
2.6
400
√ √ √ √ √ √ √ √
PME271E622K
Quantity per package
Approvals
Capaci-
Max dimensions
reel
Max
tance
in mm
R30
R06
taped
Weight
f
O
dU/dt
Article code
µF
B
H
L
p
pcs
pcs
pcs
g
MHz
V/µs
1 st block
CLASS X2 275 VAC +110 °C PME271 M


Similar Part No. - PME271E510M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME271E510MR30 ETC2-PME271E510MR30 Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
logo
Kemet Corporation
PME271E510MR30 KEMET-PME271E510MR30 Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
More results

Similar Description - PME271E510M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PME271M ETC2-PME271M Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com