Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PME271YB5220M Datasheet(PDF) 4 Page - Kemet Corporation

Part # PME271YB5220M
Description  EMI suppressor, classes X1, X2 and Y2, metallized paper
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271YB5220M Datasheet(HTML) 4 Page - Kemet Corporation

  PME271YB5220M Datasheet HTML 1Page - Kemet Corporation PME271YB5220M Datasheet HTML 2Page - Kemet Corporation PME271YB5220M Datasheet HTML 3Page - Kemet Corporation PME271YB5220M Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
123
PME271
ORDERING INFORMATION
See article table and page 21.
Options: Short leads: e.g. 6 mm, add R06. Insulated leads: add S.
Reel taped: add T0 or T1. (= lead length 19 mm).
Examples:
PME271Y468MR06
PME271MD6100MR06
PACKING
Capacitors in standard design (lead length
30 mm) and with L < 24 mm and lead length
5 or 6 mm are packed bulk in a box with
dimensions 245 x 145 x 80 mm. Quantity/
package as per article table.
Capacitors with L
≥ 24 mm and lead length
5 or 6 mm are packed on trays piled in a
box with dimensions 300 x 260 x 195 mm.
Quantity/package as per article table.
Reels with taped capacitors are packed 10
in a box with dimension 370 x 370 x 560
mm. The standard quantity/reel is for 360
mm reel. If 500 mm reel is required, it must
be specified when ordering and the
quantity is 2 x the given quantity.
MARKING
• RIFA
• RIFA article code
• Rated capacitance
• Rated voltage
• X2, X1 or Y2
• SH, for self-healing
• Climatic category according to IEC 68-1,
appendix A
• Passive flammability class
• Approval marks
• Manufacturing code (year, month)
APPROVALS/REFERENCE DOCUMENTS
Country
Specification
Approval reference
S
= Sweden
EN 132400
9834227-01 (X2), 9821105-01 (X1),
9509092 (Y2, 250 VAC),
9834228-01 (Y2, 300 VAC)
N*
= Norway
EN 132400
P95102355 (X2), P95101254 (X1)
P95101244 (Y2, 250 VAC)
D
= Denmark
EN 132400
308048 (X2), 307886 (X1),
303656 (Y2, 250 VAC),
Approval for Y2, 300 VAC pending
FI*
= Finland
EN 132400
183356-01 (X2), 181587-01 (X1),
181622-01 (Y2, 250 VAC)
VDE*= Germany
EN 132400
89756 (X2), 89757 (X1),
89750 (Y2, 250 VAC)
SEV*= Switzerland
EN 132400
95.7 70724.01 (X2),
95.7 70723.01(X1)
95.7 70720.01 (Y2, 250 VAC)
IMQ*= Italy
EN 132400
V 0060 (X2), V 1952 (X1),
V 0061 (Y2, 250 VAC)
UL* = USA
UL 1283 (U
R=250 VAC)
E 100117 (X1 and Y2, 250 VAC)
UL 1414 (U
R=250 VAC)
E 73869 (X2)
CSA*= Canada
C 22.2 No. 8-M 1986
53108 (Y2, 250 VAC)
C 22.2 No. 1-M 1990
53108 (X2)
(U
R=250 VAC)
* Approval references apply to +100 °C for X1, X2 and 250 VAC +100 °C for Y2.
Approvals for +110 °C for X1, X2 and 300 VAC +115 °C for Y2 are pending.


Similar Part No. - PME271YB5220M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME271YB5220MR30 ETC1-PME271YB5220MR30 Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271YB5220MR30 KEMET-PME271YB5220MR30 Datasheet
54Kb / 1P
   Capacitor, film, 0.022 uF, /-20% Tol, -40/115C, Safety: Y2, 300 VAC, Lead Spacing=15.2 mm
PME271YB5220MR30 KEMET-PME271YB5220MR30 Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
PME271YB5220MR30 KEMET-PME271YB5220MR30_17 Datasheet
53Kb / 1P
   Film, Metallized Paper, Safety, PME271Y/P272, 0.022 uF, 20%, 1,000 V, 300 V, 115C, Lead Spacing = 15.2mm
More results

Similar Description - PME271YB5220M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PME290 ETC-PME290 Datasheet
49Kb / 2P
   EMI suppressor, classes X1 and Y2, metallized paper
PME271M ETC2-PME271M Datasheet
55Kb / 3P
   EMI suppressor, classes X1 and X2, metallized paper
PZB300 ETC1-PZB300 Datasheet
52Kb / 2P
   Delta EMI suppressor, classes X2 and Y2, metallized paper
PME271Y ETC1-PME271Y Datasheet
54Kb / 3P
   EMI suppressor, class Y2, metallized paper
logo
Kemet Corporation
PME271Y KEMET-PME271Y Datasheet
168Kb / 2P
   EMI suppressor, class Y2, metallized paper
PME271E510M KEMET-PME271E510M Datasheet
163Kb / 2P
   EMI suppressor, class X1, metallized paper
logo
List of Unclassifed Man...
PME278 ETC-PME278 Datasheet
47Kb / 2P
   EMI suppressor, class X1, metallized paper
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
SMP253 ETC-SMP253 Datasheet
47Kb / 2P
   EMI suppressor, class Y2, metallized paper SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com