Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0467812000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0467812000
Description  2.50mm Pitch Surface Mount SPOX Header Assembly, Single Row, Vertical, 7 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0467812000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0467812000_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0467812000_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 10/18/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0467812000
Status:
Active
Overview:
SPOX Connector System
Description:
2.50mm Pitch Surface Mount SPOX Header Assembly, Single Row, Vertical, 7 Circuits
Documents:
3D Model
Packaging Specification PK-46781-200 (PDF)
Drawing (PDF)
Packaging Specification PK-46781-300 (PDF)
Product Specification PS-45579-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification PK-171876-1012 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
46781
Application
Signal, Wire-to-Board
Overview
SPOX Connector System
Product Name
SPOX BMI
UPC
884982016279
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Net Weight
1.450/g
Number of Rows
1
Orientation
Vertical
PCB Locator
Yes
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface
2.50mm
Plating min - Mating
2.540µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Robotic Placement
Vacuum Pick-Up Clip
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
040
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
46781 Series
Mates With
46528 SPOX Receptacle Housing


Similar Part No. - 0467812000_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0467813000 MOLEX1-0467813000_17 Datasheet
31Kb / 2P
   2.50mm Pitch Surface Mount SPOX Header Assembly, Single Row, Vertical, 7 Circuits
0467813100 MOLEX1-0467813100_17 Datasheet
34Kb / 2P
   2.50mm Pitch Surface Mount SPOX BMI Header Assembly, Single Row, Vertical, 7 Circuits
0467817720 MOLEX1-0467817720_17 Datasheet
33Kb / 2P
   2.50mm Pitch Surface Mount SPOX BMI Header Assembly, Single Row, Vertical, 7 Circuits
More results

Similar Description - 0467812000_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0467813000 MOLEX1-0467813000_17 Datasheet
31Kb / 2P
   2.50mm Pitch Surface Mount SPOX Header Assembly, Single Row, Vertical, 7 Circuits
0467813100 MOLEX1-0467813100_17 Datasheet
34Kb / 2P
   2.50mm Pitch Surface Mount SPOX BMI Header Assembly, Single Row, Vertical, 7 Circuits
0467817720 MOLEX1-0467817720_17 Datasheet
33Kb / 2P
   2.50mm Pitch Surface Mount SPOX BMI Header Assembly, Single Row, Vertical, 7 Circuits
0465111000 MOLEX1-0465111000_17 Datasheet
30Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Single Row, Vertical, 6 Circuits
0465111000 MOLEX6-0465111000 Datasheet
118Kb / 3P
   2.50mm (.098") Pitch SPOX??BMI Header Assembly, Single Row, Vertical, 6 Circuits
1710561000 MOLEX1-1710561000_17 Datasheet
37Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Single Row, Vertical, 6 Circuits, 2.76mm PC Tail
0455780001 MOLEX1-0455780001_17 Datasheet
30Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Dual Row, Vertical, 6 Circuits, 2.57mm PC
22-43-6070 MOLEX11-22-43-6070 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, Staggered Footprint, 7 Circuits, White
0455780002 MOLEX1-0455780002_17 Datasheet
30Kb / 2P
   2.50mm Pitch SPOX BMI Header Assembly, Dual Row, Vertical, 6 Circuits, 2.76mm PC Tall
0468310001 MOLEX1-0468310001_17 Datasheet
31Kb / 1P
   2.50mm Pitch SPOX BMI Plug Housing, Panel Mount, 7 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com