Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX202CPW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # MAX202CPW
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX202CPW Datasheet(HTML) 4 Page - Texas Instruments

  MAX202CPW Datasheet HTML 1Page - Texas Instruments MAX202CPW Datasheet HTML 2Page - Texas Instruments MAX202CPW Datasheet HTML 3Page - Texas Instruments MAX202CPW Datasheet HTML 4Page - Texas Instruments MAX202CPW Datasheet HTML 5Page - Texas Instruments MAX202CPW Datasheet HTML 6Page - Texas Instruments MAX202CPW Datasheet HTML 7Page - Texas Instruments MAX202CPW Datasheet HTML 8Page - Texas Instruments MAX202CPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MAX202
5V DUAL RS232 LINE DRIVER/RECEIVER
WITH ±15kV ESD PROTECTION
SLLS576D − JULY 2003 − REVISED JANUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = GND
5
9
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = VCC
−5
−9
V
IIH
High-level input current
VI = VCC
15
200
µA
IIL
Low-level input current
VI at 0 V
−15
−200
µA
IOS‡
Short-circuit output current
VCC = 5.5 V,
VO = 0 V
±10
±60
mA
ro
Output resistance
VCC, V+, and V− = 0 V,
VO = ±2 V
300
W
† All typical values are at VCC = 5 V, and TA = 25°C.
‡ Short-circuit durations should be controlled to prevent exceeding the device absolute power-dissipation ratings, and not more than one output
should be shorted at a time.
NOTE 4: Test conditions are C1−C4 = 0.1
µF at VCC = 5 V ± 0.5 V.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 4 and Figure 4)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Maximum data rate
CL = 50 to1000 pF,
One DOUT switching,
RL = 3 kΩ to 7 kΩ,
See Figure 1
120
kbit/s
tPLH (D)
Propagation delay time,
low- to high-level output
CL = 2500 pF,
All drivers loaded,
RL = 3 kΩ,
See Figure 1
2
µs
tPHL (D)
Propagation delay time,
high- to low-level output
CL = 2500 pF,
All drivers loaded,
RL = 3 kΩ,
See Figure 1
2
µs
tsk(p)
Pulse skew§
CL = 150 pF to 2500 pF,
RL = 3 kΩ to 7 kΩ,
See Figure 2
300
ns
SR(tr)
Slew rate, transition region
(see Figure 1)
CL = 50 pF to 1000 pF,
VCC = 5 V
RL = 3 kΩ to 7 kΩ,
3
6
30
V/
µs
† All typical values are at VCC = 5 V, and TA = 25°C.
§ Pulse skew is defined as |tPLH − tPHL| of each channel of the same device.
NOTE 4: Test conditions are C1−C4 = 0.1
µF at VCC = 5 V ± 0.5 V.
ESD protection
PIN
TEST CONDITIONS
TYP
UNIT
DOUT, RIN
Human-Body Model
±15
kV


Similar Part No. - MAX202CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202CPW TI-MAX202CPW Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202CPW TI1-MAX202CPW Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202CPWE4 TI-MAX202CPWE4 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202CPWG4 TI1-MAX202CPWG4 Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
MAX202CPWR TI-MAX202CPWR Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - MAX202CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202 TI1-MAX202_15 Datasheet
746Kb / 20P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com