Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAS28CA Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # SMAS28CA
Description  400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

SMAS28CA Datasheet(HTML) 2 Page - E-CMOS Corporation

  SMAS28CA Datasheet HTML 1Page - E-CMOS Corporation SMAS28CA Datasheet HTML 2Page - E-CMOS Corporation SMAS28CA Datasheet HTML 3Page - E-CMOS Corporation SMAS28CA Datasheet HTML 4Page - E-CMOS Corporation SMAS28CA Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
400W Surface Mount Transient Voltage
Suppressors- 5.0V- 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
4L05N-Rev. F001
SMAXX Series
Electrical characteristics (AT T =25 C unless otherwise noted)
Reverse
Stand-off
Voltage
Test
Current
Maximum
Re verse
Leakage
Current
VRWM
VBR MIN VBR MAX
IT
VC
IPP
IR @ VRWM
V olts
Volts
Volts
mA
Volts
A
uA
UNI
BI
SMA S5.0A
SMAS5.0CA
5.0
6.40
7.00
10
9.2
43.5
800
AE
WE
SMA S6.0A
SMAS6.0CA
6.0
6.67
7.37
10
10.3
38.0
800
AG
WG
SMA S6.5A
SMAS6.5CA
6.5
7.22
7.98
10
11.2
35.7
500
AK
WK
SMA S7.0A
SMAS7.0CA
7.0
7.78
8.60
10
12.0
33.3
200
AM
WM
SMA S7.5A
SMAS7.5CA
7.5
8.33
9.21
1.0
12.9
31.0
100
AP
WP
SMA S8.0A
SMAS8.0CA
8.0
8.89
9.83
1.0
13.6
29.4
50
AR
WR
SMA S8.5A
SMAS8.5CA
8.5
9.44
10.4
1.0
14.4
27.7
20
AT
WT
SMA S9.0A
SMAS9.0CA
9.0
10.0
11.1
1.0
15.4
26.0
10
AV
WV
SMAS10A
SMAS1 0CA
10
11.1
12.3
1.0
17.0
23.5
5
AX
WX
SMAS11A
SMAS1 1CA
11
12.2
13.5
1.0
18.2
22.0
5
AZ
WZ
SMAS12A
SMAS1 2CA
12
13.3
14.7
1.0
19.9
20.1
5
BE
XE
SMAS13A
SMAS1 3CA
13
14.4
15.9
1.0
21.5
18.6
5
BG
XG
SMAS14A
SMAS1 4CA
14
15.6
17.2
1.0
23.2
17.2
5
BK
XK
SMAS15A
SMAS1 5CA
15
16.7
18.5
1.0
24.4
16.4
5
BM
XM
SMAS16A
SMAS1 6CA
16
17.8
19.7
1.0
26.0
15.4
5
BP
XP
SMAS17A
SMAS1 7CA
17
18.9
20.9
1.0
27.6
14.5
5
BR
XR
SMAS18A
SMAS1 8CA
18
20.0
22.1
1.0
29.2
13.7
5
BT
XT
SMAS20A
SMAS2 0CA
20
22.2
24.5
1.0
32.4
12.3
5
BV
XV
SMAS22A
SMAS2 2CA
22
24.4
26.9
1.0
35.5
11.2
5
BX
XX
SMAS24A
SMAS2 4CA
24
26.7
29.5
1.0
38.9
10.3
5
BZ
XZ
SMAS26A
SMAS2 6CA
26
28.9
31.9
1.0
42.1
9.5
5
CE
YE
SMAS28A
SMAS2 8CA
28
31.1
34.4
1.0
45.4
8.8
5
CG
YG
SMAS30A
SMAS3 0CA
30
33.3
36.8
1.0
48.4
8.3
5
CK
YK
SMAS33A
SMAS3 3CA
33
36.7
40.6
1.0
53.3
7.5
5
CM
Y M
SMAS36A
SMAS3 6CA
36
40.0
44.2
1.0
58.1
6.9
5
CP
YP
SMAS40A
SMAS4 0CA
40
44.4
49.1
1.0
64.5
6.2
5
CR
YR
SMAS43A
SMAS4 3CA
43
47.8
52.8
1.0
69.4
5.8
5
CT
YT
SMAS45A
SMAS4 5CA
45
50.0
55.3
1.0
72.7
5.5
5
CV
YV
SMAS48A
SMAS4 8CA
48
53.3
58.9
1.0
77.4
5.2
5
CX
YX
SMAS51A
SMAS5 1CA
51
56.7
62.7
1.0
82.4
4.9
5
CZ
YZ
SMAS54A
SMAS5 4CA
54
60.0
66.3
1.0
87.1
4.6
5
RE
ZE
SMAS58A
SMAS5 8CA
58
64.4
71.2
1.0
93.6
4.3
5
RG
ZG
SMAS60A
SMAS6 0CA
60
66.7
73.7
1.0
96.8
4.1
5
RK
ZK
SMAS64A
SMAS6 4CA
64
71.1
78.6
1.0
103.0
3.9
5
RM
ZM
SMAS70A
SMAS7 0CA
70
77.8
86.0
1.0
113.0
3.5
5
RP
ZP
SMAS75A
SMAS7 5CA
75
83.3
92.1
1.0
121.0
3.3
5
RR
ZR
SMAS78A
SMAS7 8CA
78
86.7
95.8
1.0
126.0
3.2
5
RT
ZT
SMAS85A
SMAS8 5CA
85
94.4
104
1.0
137.0
2.9
5
RV
ZV
Breakdown
Vol tage
@ IT
Part No.(Uni) Part No.(B i)
Marking
Code
Maximu m
Clamping
V oltage@ IPP


Similar Part No. - SMAS28CA

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA LITEON-SMA Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMA FORMOSA-SMA Datasheet
61Kb / 1P
   Case No. SMA Device
logo
Galaxy Semi-Conductor H...
SMA BILIN-SMA Datasheet
75Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Riedon Powertron
SMA RIEDON-SMA Datasheet
287Kb / 1P
   Precision Metal Film Resistors
logo
RFE international
SMA RFE-SMA Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results

Similar Description - SMAS28CA

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMAJ UNSEMI-SMAJ Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Formosa MS
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
UN Semiconducctor INC
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Weitron Technology
SMAJ5.0A WEITRON-SMAJ5.0A Datasheet
98Kb / 4P
   400W Surface Mount Transient Voltage Suppressors
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
logo
Taiwan Semiconductor Co...
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com