Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAS440CA Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # SMAS440CA
Description  400W Surface Mount Transient Voltage Suppressors- 5.0V- 440V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

SMAS440CA Datasheet(HTML) 1 Page - E-CMOS Corporation

  SMAS440CA Datasheet HTML 1Page - E-CMOS Corporation SMAS440CA Datasheet HTML 2Page - E-CMOS Corporation SMAS440CA Datasheet HTML 3Page - E-CMOS Corporation SMAS440CA Datasheet HTML 4Page - E-CMOS Corporation SMAS440CA Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
400W Surface Mount Transient Voltage
Suppressors- 5.0V- 440V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 5
4L05N-Rev. F001
SMAXX Series
Features
400W peak pulse power capability with a 10/1000 µs
waveform, repetition rate (duty cycle): 0.01%.
Low profile surface mounted application in order to
optimize board space.
Excellent clamping capability.
Low incremental surge resistance.
Fast response time from 0V to VBR, typically less than
1 ps for uni-directional & 5 ns for bi-directional types.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
Suffix "-H" indicates Halogen-free part, ex. SMAS5.0A-H.
Mechanical Data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, DO-214AC / SMA-S
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Mounting Position : Any
Weight : Approximated 0.05gram
Maximum ratings (At TA=25 oC unless otherwise noted)
Note 1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25 ℃ per Fig. 2
2. Mounted on copper pad area of 0.2"x0.2" (5.0x5.0 mm) per Fig 5
3. Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute
maximum
4. VF< 3.5V for VBR< 200V and VF< 6.5V for VBR>201V.
PARAMETER
CONDITIONS
SYMBOL
VALUE
UNIT
Peak Power Dissipation
with a 10/1000 µs waveform,
Note 1, 2 & Fig. 1
PPPM
400
W
Peak Pulse current
with a 10/1000 µs waveform
IPPM
See Table 1
A
Steady State Power Dissipation
at TL=75 C, Note 2
PM(AV)
1.0
W
Peak Forward Surge Current
8.3ms Single Half Sine-Wave, Note 3
IFSM
40
A
Maximum Instantaneours Forward
Voltage
at 25A
For Uni-Directional Types Only, Note 4
VF
3.5/6.5
V
Operating junction temperature range
TJ
-55~+150
Storage temperature range
TSTG
-55~+150


Similar Part No. - SMAS440CA

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA LITEON-SMA Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMA FORMOSA-SMA Datasheet
61Kb / 1P
   Case No. SMA Device
logo
Galaxy Semi-Conductor H...
SMA BILIN-SMA Datasheet
75Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Riedon Powertron
SMA RIEDON-SMA Datasheet
287Kb / 1P
   Precision Metal Film Resistors
logo
RFE international
SMA RFE-SMA Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results

Similar Description - SMAS440CA

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMAJ UNSEMI-SMAJ Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Formosa MS
P4KE6.8CA FORMOSA-P4KE6.8CA Datasheet
156Kb / 6P
   400W Axial Leaded Transient Voltage Suppressors-6.8V-440V
logo
UN Semiconducctor INC
SMAJ-AT UNSEMI-SMAJ-AT Datasheet
3Mb / 7P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ Datasheet
65Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMAJ3V3A UNSEMI-SMAJ3V3A Datasheet
2Mb / 4P
   400W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Weitron Technology
SMAJ5.0A WEITRON-SMAJ5.0A Datasheet
98Kb / 4P
   400W Surface Mount Transient Voltage Suppressors
logo
E-CMOS Corporation
EC76SMAJXX E-CMOS-EC76SMAJXX Datasheet
210Kb / 6P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand-off Voltage 5.0 to 440V
logo
GOOD-ARK Electronics
SMAJ5.0 GOOD-ARK-SMAJ5.0_15 Datasheet
240Kb / 4P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V
logo
Taiwan Semiconductor Co...
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
UN Semiconducctor INC
4.0SMF3.3A UNSEMI-4.0SMF3.3A Datasheet
2Mb / 4P
   3.3A 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com