Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7172-4BCPZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD7172-4BCPZ
Description  ADC with True Rail-to-Rail Buffers
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7172-4BCPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD7172-4BCPZ Datasheet HTML 43Page - Analog Devices AD7172-4BCPZ Datasheet HTML 44Page - Analog Devices AD7172-4BCPZ Datasheet HTML 45Page - Analog Devices AD7172-4BCPZ Datasheet HTML 46Page - Analog Devices AD7172-4BCPZ Datasheet HTML 47Page - Analog Devices AD7172-4BCPZ Datasheet HTML 48Page - Analog Devices AD7172-4BCPZ Datasheet HTML 49Page - Analog Devices AD7172-4BCPZ Datasheet HTML 50Page - Analog Devices AD7172-4BCPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
AD7172-4
Data Sheet
Rev. B | Page 46 of 61
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x2F
FILTCON7
[15:8]
SINC3_MAP3
RESERVED
ENHFILTEN7
ENHFILT7
0x0500
RW
[7:0]
RESERVED
ORDER7
ODR7
0x30
OFFSET0
[23:0]
OFFSET0[23:0]
0x800000
RW
0x31
OFFSET1
[23:0]
OFFSET1[23:0]
0x800000
RW
0x32
OFFSET2
[23:0]
OFFSET2[23:0]
0x800000
RW
0x33
OFFSET3
[23:0]
OFFSET3[23:0]
0x800000
RW
0x34
OFFSET4
[23:0]
OFFSET5[23:0]
0x800000
RW
0x35
OFFSET5
[23:0]
OFFSET6[23:0]
0x800000
RW
0x36
OFFSET6
[23:0]
OFFSET6[23:0]
0x800000
RW
0x37
OFFSET7
[23:0]
OFFSET7[23:0]
0x800000
RW
0x38
GAIN0
[23:0]
GAIN0[23:0]
0x5XXXX0
RW
0x39
GAIN1
[23:0]
GAIN1[23:0]
0x5XXXX0
RW
0x3A
GAIN2
[23:0]
GAIN2[23:0]
0x5XXXX0
RW
0x3B
GAIN3
[23:0]
GAIN3[23:0]
0x5XXXX0
RW
0x3C
GAIN4
[23:0]
GAIN4[23:0]
0x5XXXX0
RW
0x3D
GAIN5
[23:0]
GAIN5[23:0]
0x5XXXX0
RW
0x3E
GAIN6
[23:0]
GAIN6[23:0]
0x5XXXX0
RW
0x3F
GAIN7
[23:0]
GAIN7[23:0]
0x5XXXX0
RW


Similar Part No. - AD7172-4BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7172-4BCPZ AD-AD7172-4BCPZ Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7172-4BCPZ-RL AD-AD7172-4BCPZ-RL Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7172-4BCPZ-RL7 AD-AD7172-4BCPZ-RL7 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
More results

Similar Description - AD7172-4BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7172-2 AD-AD7172-2 Datasheet
1Mb / 61P
   True rail-to-rail analog and reference input buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7175-2 AD-AD7175-2 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
logo
Intersil Corporation
EL5224IL INTERSIL-EL5224IL Datasheet
506Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
May 11, 2005
EL5424 INTERSIL-EL5424 Datasheet
589Kb / 12P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
logo
Renesas Technology Corp
EL5224 RENESAS-EL5224 Datasheet
788Kb / 16P
   12MHz Rail-to-Rail Buffers 100mA VCOM Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com