Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4008BCPZ-RL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4008BCPZ-RL7
Description  Precision, Pseudo Differential, SAR ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4008BCPZ-RL7 Datasheet(HTML) 4 Page - Analog Devices

  AD4008BCPZ-RL7 Datasheet HTML 1Page - Analog Devices AD4008BCPZ-RL7 Datasheet HTML 2Page - Analog Devices AD4008BCPZ-RL7 Datasheet HTML 3Page - Analog Devices AD4008BCPZ-RL7 Datasheet HTML 4Page - Analog Devices AD4008BCPZ-RL7 Datasheet HTML 5Page - Analog Devices AD4008BCPZ-RL7 Datasheet HTML 6Page - Analog Devices AD4008BCPZ-RL7 Datasheet HTML 7Page - Analog Devices AD4008BCPZ-RL7 Datasheet HTML 8Page - Analog Devices AD4008BCPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD4000/AD4004/AD4008
Data Sheet
Rev. C | Page 4 of 36
SPECIFICATIONS
VDD = 1.71 V to 1.89 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, all specifications TMIN to TMAX, high-Z mode disabled, span compression disabled,
turbo mode enabled, and sampling frequency (fS) = 2 MSPS for the AD4000, fS = 1 MSPS for the AD4004, and fS = 500 kSPS for the AD4008,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT
Voltage Range
IN+ voltage (VIN+) − IN− voltage (VIN−)
0
VREF
V
Operating Input Voltage
VIN+ to GND
−0.1
VREF + 0.1
V
VIN− to GND
−0.1
+0.1
V
Span compression enabled
0.1 × VREF
0.9 × VREF
V
Analog Input Current
Acquisition phase, T = 25°C
0.3
nA
High-Z mode enabled, converting dc
input at 2 MSPS
1
µA
THROUGHPUT
Complete Cycle
AD4000
500
ns
AD4004
1000
ns
AD4008
2000
ns
Conversion Time
270
290
320
ns
Acquisition Phase1
AD4000
290
ns
AD4004
790
ns
AD4008
1790
ns
Throughput Rate2
AD4000
0
2
MSPS
AD4004
0
1
MSPS
AD4008
0
500
kSPS
Transient Response3
150
ns
DC ACCURACY
No Missing Codes
16
Bits
Integral Nonlinearity Error (INL)
−1.0
±0.2
+1.0
LSB
T = 0°C to 85°C
−0.8
±0.2
+0.8
LSB
Differential Nonlinearity Error (DNL)
−0.5
±0.15
+0.5
LSB
Transition Noise
0.5
LSB
Zero Error
−4.5
+4.5
LSB
Zero Error Drift4
−0.55
+0.55
ppm/°C
Gain Error
−20
±3
+20
LSB
Gain Error Drift4
−0.92
+0.92
ppm/°C
Power Supply Sensitivity
VDD = 1.8 V ± 5%
0.5
LSB
1/f Noise5
Bandwidth = 0.1 Hz to 10 Hz
6
µV p-p
AC ACCURACY
Dynamic Range
93.5
dB
Total RMS Noise
37
µV rms
fIN = 1 kHz, −0.5 dBFS, VREF = 5 V
Signal-to-Noise Ratio (SNR)
91
93
dB
Spurious-Free Dynamic Range (SFDR)
112
dB
Total Harmonic Distortion (THD)
−115
dB
Signal-to-Noise-and-Distortion Ratio
(SINAD)
91
92.5
dB
Oversampled Dynamic Range
Oversampling ratio (OSR) = 256,
VREF = 5 V
117
dB


Similar Part No. - AD4008BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Sensortechnics GmbH
AD4000-10TO SENSORTECHNICS-AD4000-10TO Datasheet
365Kb / 2P
   4000 關m active area
logo
Analog Devices
AD4000BCPZ-RL7 AD-AD4000BCPZ-RL7 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4000BRMZ AD-AD4000BRMZ Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
AD4000BRMZ-RL7 AD-AD4000BRMZ-RL7 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
More results

Similar Description - AD4008BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4002 AD-AD4002 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4003 AD-AD4003_17 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4001 AD-AD4001_17 Datasheet
905Kb / 37P
   Precision, Differential SAR ADCs
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
logo
Analog Devices
AD4020 AD-AD4020 Datasheet
789Kb / 37P
   Precision SAR, Differential ADC
AD4682 AD-AD4682 Datasheet
656Kb / 30P
   Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
AD7380 AD-AD7380 Datasheet
699Kb / 31P
   Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
MT-074 AD-MT-074 Datasheet
255Kb / 5P
   Differential Drivers for Precision ADCs
REV. 0
AD4000 AD-AD4000 Datasheet
1Mb / 33P
   16-Bit, 2 MSPS Precision Pseudo Differential ADC
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com