Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9691BCPZ-1250 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9691BCPZ-1250
Description  Dual Analog-to-Digital Converter
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9691BCPZ-1250 Datasheet(HTML) 5 Page - Analog Devices

  AD9691BCPZ-1250 Datasheet HTML 1Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 2Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 3Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 4Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 5Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 6Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 7Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 8Page - Analog Devices AD9691BCPZ-1250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
AD9691
Data Sheet
Rev. 0 | Page 4 of 72
AC SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.50 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate (1250 MSPS), 1.58 V p-p full-scale differential input, AIN = −1.0 dBFS, clock divider = 2, default SPI settings,
TA = 25°C, unless otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
ANALOG INPUT FULL SCALE
Full
1.58
V p-p
NOISE DENSITY2
Full
−152.6
dBFS/Hz
SIGNAL-TO-NOISE RATIO (SNR)3
fIN = 10 MHz
25°C
64.6
dBFS
fIN = 170 MHz
Full
60.8
64.2
dBFS
fIN = 340 MHz
25°C
63.4
dBFS
fIN = 450 MHz
25°C
62.9
dBFS
fIN = 750 MHz
25°C
61.7
dBFS
fIN = 985 MHz
25°C
59.7
dBFS
fIN = 1205 MHz
25°C
58.3
dBFS
fIN = 1600 MHz
25°C
56.5
dBFS
fIN = 1950 MHz
25°C
55.1
dBFS
SNR AND DISTORTION RATIO (SINAD)3
fIN = 10 MHz
25°C
64.5
dBFS
fIN = 170 MHz
Full
60.5
64.0
dBFS
fIN = 340 MHz
25°C
63.0
dBFS
fIN = 450 MHz
25°C
62.3
dBFS
fIN = 750 MHz
25°C
61.3
dBFS
fIN = 985 MHz
25°C
59.4
dBFS
fIN = 1205 MHz
25°C
57.5
dBFS
fIN = 1600 MHz
25°C
55.8
dBFS
fIN = 1950 MHz
25°C
54.7
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 10 MHz
25°C
10.4
Bits
fIN = 170 MHz
Full
9.7
10.3
Bits
fIN = 340 MHz
25°C
10.2
Bits
fIN = 450 MHz
25°C
10.1
Bits
fIN = 750 MHz
25°C
9.9
Bits
fIN = 985 MHz
25°C
9.6
Bits
fIN = 1205 MHz
25°C
9.2
Bits
fIN = 1600 MHz
25°C
9.0
Bits
fIN = 1950 MHz
25°C
8.8
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR)3
fIN = 10 MHz
25°C
87
dBFS
fIN = 170 MHz
Full
72
79
dBFS
fIN = 340 MHz
25°C
77
dBFS
fIN = 450 MHz
25°C
72
dBFS
fIN = 750 MHz
25°C
73
dBFS
fIN = 985 MHz
25°C
72
dBFS
fIN = 1205 MHz
25°C
66
dBFS
fIN = 1600 MHz
25°C
66
dBFS
fIN = 1950 MHz
25°C
69
dBFS


Similar Part No. - AD9691BCPZ-1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9691BCPZ-1250 AD-AD9691BCPZ-1250 Datasheet
1Mb / 72P
   14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
More results

Similar Description - AD9691BCPZ-1250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9234 AD-AD9234_17 Datasheet
1Mb / 67P
   Dual Analog-to-Digital Converter
AD9680 AD-AD9680_17 Datasheet
3Mb / 99P
   Dual Analog-to-Digital Converter
AD9684 AD-AD9684_17 Datasheet
1Mb / 65P
   Dual Analog-to-Digital Converter
AD9689 AD-AD9689 Datasheet
2Mb / 134P
   Dual Analog-to-Digital Converter
AD9250 AD-AD9250_17 Datasheet
1Mb / 45P
   Dual Analog-to-Digital Converter
AD9695 AD-AD9695 Datasheet
5Mb / 136P
   Dual Analog-to-Digital Converter
AD9640 AD-AD9640_17 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
logo
Texas Instruments
TMS57014A TI-TMS57014A Datasheet
227Kb / 16P
[Old version datasheet]   DUAL AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9218 AD-AD9218_17 Datasheet
872Kb / 29P
   3V Dual Analog-to-Digital Converter
logo
Burr-Brown (TI)
DAC725 BURR-BROWN-DAC725 Datasheet
102Kb / 7P
   Dual 16-Bit DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com