Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5562 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5562
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562 Datasheet(HTML) 1 Page - Analog Devices

  ADL5562 Datasheet HTML 1Page - Analog Devices ADL5562 Datasheet HTML 2Page - Analog Devices ADL5562 Datasheet HTML 3Page - Analog Devices ADL5562 Datasheet HTML 4Page - Analog Devices ADL5562 Datasheet HTML 5Page - Analog Devices ADL5562 Datasheet HTML 6Page - Analog Devices ADL5562 Datasheet HTML 7Page - Analog Devices ADL5562 Datasheet HTML 8Page - Analog Devices ADL5562 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
3.3 GHz Ultralow Distortion
RF/IF Differential Amplifier
Data Sheet
ADL5562
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2009–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
−3 dB bandwidth of 3.3 GHz (AV = 6 dB)
Pin-strappable gain adjust: 6 dB, 12 dB, 15.5 dB
Differential or single-ended input to differential output
Low noise input stage: 2.1 nV/√Hz RTI at AV = 12 dB
Low broadband distortion (AV = 6 dB)
10 MHz: −91 dBc HD2, −98 dBc HD3
70 MHz: −102 dBc HD2, −90 dBc HD3
140 MHz: −104 dBc HD2, −87 dBc HD3
250 MHz: −80 dBc HD2, −94 dBc HD3
IMD3s of −94 dBc at 250 MHz center
Slew rate: 9.8 V/ns
Fast settling of 2 ns and overdrive recovery of 3 ns
Single-supply operation: 3 V to 3.6 V
Power-down control
Fabricated using the high speed XFCB3 SiGe process
APPLICATIONS
Differential ADC drivers
Single-ended to differential conversion
RF/IF gain blocks
SAW filter interfacing
FUNCTIONAL BLOCK DIAGRAM
VIP2
ENBL
RF
RF
VCOM
VOP
VIP1
VIN1
VIN2
ADL5562
GND
VCC
VON
RG2
RG1
RG1
RG2
Figure 1.
GENERAL DESCRIPTION
The ADL5562 is a high performance differential amplifier
optimized for RF and IF applications. The amplifier offers low
noise of 2.1 nV/√Hz and excellent distortion performance over
a wide frequency range, making it an ideal driver for high speed
8-bit to 16-bit ADCs.
The ADL5562 provides three gain levels of 6 dB, 12 dB, and
15.5 dB through a pin-strappable configuration. For the single-
ended input configuration, the gains are reduced to 5.6 dB,
11.1 dB, and 14.1 dB. Using an external series input resistor
expands the amplifier gain flexibility and allows for any gain
selection from 0 dB to 15.5 dB.
The quiescent current of the ADL5562 is typically 80 mA and,
when disabled, consumes less than 3 mA, offering excellent
input-to-output isolation.
The device is optimized for wideband, low distortion
performance. These attributes, together with its adjustable gain
capability, make this device the amplifier of choice for general-
purpose IF and broadband applications where low distortion,
noise, and power are critical. This device is optimized for the
best combination of slew speed, bandwidth, and broadband
distortion. These attributes allow it to drive a wide variety of
analog-to-digital converters (ADCs) and make it ideally suited
for driving mixers, pin diode attenuators, SAW filters, and
multi-element discrete devices.
Fabricated on an Analog Devices, Inc., high speed SiGe process,
the ADL5562 is supplied in a compact 3 mm × 3 mm, 16-lead
LFCSP package and operates over the temperature range of
−40°C to + 85°C.


Similar Part No. - ADL5562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
ADL5562 AD-ADL5562 Datasheet
269Kb / 5P
   High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
REV. A
ADL5562-EVALZ AD-ADL5562-EVALZ Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
ADL5562ACPZ-R7 AD-ADL5562ACPZ-R7 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
ADL5562ACPZ-WP AD-ADL5562ACPZ-WP Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
More results

Similar Description - ADL5562

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
ADL5561 AD-ADL5561_17 Datasheet
760Kb / 25P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com