Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5562-EVALZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5562-EVALZ
Description  3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5562-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5562-EVALZ Datasheet HTML 4Page - Analog Devices ADL5562-EVALZ Datasheet HTML 5Page - Analog Devices ADL5562-EVALZ Datasheet HTML 6Page - Analog Devices ADL5562-EVALZ Datasheet HTML 7Page - Analog Devices ADL5562-EVALZ Datasheet HTML 8Page - Analog Devices ADL5562-EVALZ Datasheet HTML 9Page - Analog Devices ADL5562-EVALZ Datasheet HTML 10Page - Analog Devices ADL5562-EVALZ Datasheet HTML 11Page - Analog Devices ADL5562-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ADL5562
Data Sheet
Rev. F | Page 8 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 3.3 V, VCOM = 1.65 V, RL = 200 Ω differential, AV = 6 dB, CL = 1 pF differential, f = 140 MHz, T = 25°C.
4
6
8
10
12
14
16
10M
100M
1G
10G
MAXIMUM GAIN
MID GAIN
MINIMUM GAIN
FREQUENCY (Hz)
–40°C
+25°C
+85°C
Figure 3. Gain vs. Frequency Response for 200 Ω Differential Load,
AV = 6 dB, AV = 12 dB, and AV = 15.5 dB over Temperature
10M
100M
1G
10G
FREQUENCY (Hz)
4
6
8
10
12
14
16
18
20
MAXIMUM GAIN
MID GAIN
MINIMUM GAIN
–40°C
+25°C
+85°C
Figure 4. Gain vs. Frequency Response for 1 kΩ Differential Load,
AV = 6 dB, AV = 12 dB, and AV = 15.5 dB over Temperature
0
2
4
6
8
10
12
14
16
10
100
1000
FREQUENCY (MHz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 5. Noise Figure vs. Frequency at
AV = 6 dB, AV = 12 dB, and AV = 15.5 dB
MAX GAIN –40°C
MAX GAIN +25°C
MAX GAIN +85°C
MID GAIN –40°C
MID GAIN +25°C
MID GAIN +85°C
MIN GAIN –40°C
MIN GAIN +25°C
MIN GAIN +85°C
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
50
100
150
200
250
FREQUENCY (MHz)
Figure 6. Output P1dB (OP1dB) vs. Frequency at AV = 6 dB, AV = 12 dB, and
AV = 15.5 dB over Temperature, 200 Ω Differential Load
FREQUENCY (MHz)
0
2
4
6
8
10
12
14
0
50
100
150
200
250
MAX GAIN –40°C
MAX GAIN +25°C
MAX GAIN +85°C
MID GAIN –40°C
MID GAIN +25°C
MID GAIN +85°C
MIN GAIN –40°C
MIN GAIN +25°C
MIN GAIN +85°C
Figure 7. Output P1dB (OP1dB) vs. Frequency at AV = 6 dB, AV = 12 dB, and
AV = 15.5 dB over Temperature, 1 kΩ Differential Load
0
1
2
3
4
5
6
7
8
10M
100M
1G
FREQUENCY (Hz)
AV MAXIMUM
AV MID
AV MINIMUM
Figure 8. Noise Spectral Density vs. Frequency
at AV = 6 dB, AV = 12 dB, and AV = 15.5 dB


Similar Part No. - ADL5562-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5562-EVALZ AD-ADL5562-EVALZ Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
More results

Similar Description - ADL5562-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5562 AD-ADL5562 Datasheet
563Kb / 24P
   3.3 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. A
AD8352 AD-AD8352_15 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
ADL5561 AD-ADL5561 Datasheet
571Kb / 24P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
REV. B
AD8352_0610 AD-AD8352_0610 Datasheet
510Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. A
AD8352 AD-AD8352_18 Datasheet
471Kb / 19P
   2 GHz, Ultralow Distortion, Differential RF/IF Amplifier
AD8352 AD-AD8352_08 Datasheet
463Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. B
AD8352 AD-AD8352 Datasheet
410Kb / 20P
   2 GHz Ultralow Distortion Differential RF/IF Amplifier
REV. 0
ADL5561 AD-ADL5561_17 Datasheet
760Kb / 25P
   2.9 GHz Ultralow Distortion RF/IF Differential Amplifier
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com