Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UABS6 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # UABS6
Description  ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

UABS6 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  UABS6 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd UABS6 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
UABS05 - UABS10
UABS05 – UABS10
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Forward Surge Current
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC Method)
1
10
100
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25C
f = 1MHz
j
0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (C)
Fig. 1 Forward Derating Curve
A
Single phase half-wave
60 Hz resistive or inductive load
50V DC
Approx
50
NI (Non-inductive)
10
NI
1.0
NI
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 5/10ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time = 7.0ns max. Input Impedance = 1.0M , 22pF.
2. Rise Time = 10ns max. Input Impedance = 50 .
5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0.01
1.0
2.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 25 C
j
°
Pulse width = 300 s
µ
Alldatasheet


Similar Part No. - UABS6

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UABS6 DYELEC-UABS6 Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UABS6 DYELEC-UABS6 Datasheet
2Mb / 3P
   SINGLE PHASE 0.8AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Electronics ...
UABS6 CHENDA-UABS6 Datasheet
325Kb / 2P
   GLASS PASSIVATED ULTRA FAST RECOVERY BRIDGE RECTIFIERS
UABS6 CHENDA-UABS6 Datasheet
464Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
UABS6 YFWDIODE-UABS6 Datasheet
361Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE
More results

Similar Description - UABS6

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UMB05S ZSELEC-UMB05S Datasheet
93Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UABS1505 ZSELEC-UABS1505 Datasheet
90Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMS05F ZSELEC-UMS05F Datasheet
91Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMS05S ZSELEC-UMS05S Datasheet
93Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UABS205 ZSELEC-UABS205 Datasheet
90Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UMB05F ZSELEC-UMB05F Datasheet
91Kb / 2P
   ULTRA FAST SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
HMB1F JUXING-HMB1F Datasheet
2Mb / 2P
   ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UABS2U JUXING-UABS2U Datasheet
2Mb / 2P
   ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
UABS22 JUXING-UABS22 Datasheet
3Mb / 2P
   ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
RDBF251 DIODES-RDBF251 Datasheet
539Kb / 5P
   2.5A SURFACE MOUNT FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com