Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4732 Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4732
Description  ZENER DIODES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4732 Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  1N4732 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4732 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4732 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4732 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4732 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4732 Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4732 Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4732 Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4732 Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Zener Diodes 1W
PL3V6C to PL91C ,SOD-123
Nominal Zener
Voltage(1)
Test
Current
Differential
Resistance
Temperature
Coeffizient
Maximum Reverse
Leakage Current
VZ@IZT
IZT
rdif@IZT
αVZ @IZ
IR
VR
(V)
(mA)
(Ω)
%/℃
(uA)
(V)
Type
No.
Device
Marking
Code
Min
Max
Typ
Max
Min
Max
Max
PL3V6C
W5
3.4
3.8
100
4.0
8.0
-0.14
-0.04
100
1.0
PL3V9C
W6
3.7
4.1
100
4.0
8.0
-0.14
-0.04
50
1.0
PL4V3C
W7
4.0
4.6
100
4.0
7.0
-0.12
-0.02
25
1.0
PL4V7C
W8
4.4
5.0
100
3.0
7.0
-0.1
0
10
1.0
PL5V1C
W9
4.8
5.4
100
3.0
6.0
-0.08
0.2
5.0
1.0
PL5V6C
WA
5.2
6.0
100
2.0
4.0
-0.04
0.04
10
2.0
PL6V2C
WB
5.8
6.6
100
2.0
3.0
-0.01
0.06
5.0
2.0
PL6V8C
WC
6.4
7.2
100
1.0
3.0
0
0.07
10
3.0
PL7V5C
WD
7.0
7.9
100
1.0
2.0
0
0.07
50
3.0
PL8V2C
WE
7.7
8.7
100
1.0
2.0
0.03
0.08
10
3.0
PL9V1C
WF
8.5
9.6
50
2.0
4.0
0.03
0.08
10
3.0
PL10C
WG
9.4
10.6
50
2.0
4.0
0.05
0.09
7.0
7.5
PL11C
WH
10.4
11.6
50
4.0
7.0
0.05
0.1
4.0
8.2
PL12C
WI
11.4
12.7
50
4.0
7.0
0.05
0.1
3.0
9
PL13C
WK
12.4
14.1
50
5.0
10
0.05
0.1
2.0
10
PL15C
WL
13.8
15.6
50
5.0
10
0.05
0.1
1.0
11
PL16C
WM
15.3
17.1
25
6.0
15
0.06
0.11
1.0
12
PL18C
WN
16.8
19.1
25
6.0
15
0.06
0.11
1.0
13
PL20C
WO
18.8
21.2
25
6.0
15
0.06
0.11
1.0
15
PL22C
WP
20.8
23.3
25
6.0
15
0.06
0.11
1.0
16
PL24C
WR
22.8
25.6
25
7.0
15
0.06
0.11
1.0
18
PL27C
WS
25.1
28.9
25
7.0
15
0.06
0.11
1.0
20
PL30C
WT
28
32
25
8.0
15
0.06
0.11
1.0
22
PL33C
WU
31
35
25
8.0
15
0.06
0.11
1.0
24
PL36C
WW
34
38
10
21
40
0.06
0.11
1.0
27
PL39C
WX
37
41
10
21
40
0.06
0.11
1.0
30
PL43C
WY
40
46
10
24
45
0.07
0.12
1.0
33
PL47C
WZ
44
50
10
24
45
0.07
0.12
1.0
36
PL51C
X1
48
54
10
25
60
0.07
0.12
1.0
39
PL56C
X2
52
60
10
25
60
0.07
0.12
1.0
43
PL62C
X3
58
66
10
25
80
0.08
0.13
1.0
47
PL68C
X4
64
72
10
25
80
0.08
0.13
1.0
51
PL75C
X5
70
79
10
30
100
0.08
0.13
1.0
56
PL82C
X6
77
87
10
30
100
0.08
0.13
1.0
62
PL91C
X7
85
96
5.0
60
200
0.09
0.13
1.0
68
SOD-123
WWW.SENOCN.COM
Alldatasheet


Similar Part No. - 1N4732

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4732 SURGE-1N4732 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4732 JINANJINGHENG-1N4732 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4732 DIGITRON-1N4732 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4732 SEMTECH-1N4732 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Silicon Standard Corp.
1N4732 SSC-1N4732 Datasheet
173Kb / 3P
   Zener Diodes
More results

Similar Description - 1N4732

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com