Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4734 Datasheet(PDF) 6 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # 1N4734
Description  ZENER DIODES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

1N4734 Datasheet(HTML) 6 Page - Zibo Seno Electronic Engineering Co.,Ltd

Back Button 1N4734 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4734 Datasheet HTML 3Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4734 Datasheet HTML 4Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4734 Datasheet HTML 5Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4734 Datasheet HTML 6Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4734 Datasheet HTML 7Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4734 Datasheet HTML 8Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4734 Datasheet HTML 9Page - Zibo Seno Electronic Engineering Co.,Ltd 1N4734 Datasheet HTML 10Page - Zibo Seno Electronic Engineering Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
7
Zener Diodes 1.5W
1N5913 to 1N5956, DO-41
Nominal Zener
Voltage
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Maximum DC
Zener Current
Type No.
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR @ VR
IZM
Axial Lead
(V)
(mA)
(Ω)
(Ω)
(mA)
(uA)
(V)
(mA)
1N5913
3.3
113.6
10
500
1.0
100
1.0
454
1N5914
3.6
104.2
9.0
500
1.0
75
1.0
416
1N5915
3.9
96.1
7.5
500
1.0
25
1.0
384
1N5916
4.3
87.2
6.0
500
1.0
5.0
1.0
348
1N5917
4.7
79.8
5.0
500
1.0
5.0
1.5
319
1N5918
5.1
73.5
4.0
350
1.0
5.0
2.0
294
1N5919
5.6
66.9
2.0
250
1.0
5.0
3.0
267
1N5920
6.2
60.5
2.0
200
1.0
5.0
4.0
241
1N5921
6.8
55.1
2.5
200
1.0
5.0
5.2
220
1N5922
7.5
50.0
3.0
400
0.5
5.0
6.0
200
1N5923
8.2
45.7
3.5
400
0.5
5.0
6.5
182
1N5924
9.1
41.2
4.0
500
0.5
5.0
7.0
164
1N5925
10
37.5
4.5
500
0.25
5.0
8.0
150
1N5926
11
34.1
5.5
550
0.25
1.0
8.4
136
1N5927
12
31.2
6.5
550
0.25
1.0
9.1
125
1N5928
13
28.8
7.0
550
0.25
1.0
9.9
115
1N5929
15
25.0
9.0
600
0.25
1.0
11.4
100
1N5930
16
23.4
10
600
0.25
1.0
12.2
93
1N5931
18
20.8
12
650
0.25
1.0
13.7
83
1N5932
20
18.7
14
650
0.25
1.0
15.2
75
1N5933
22
17.0
17.5
650
0.25
1.0
16.7
68
1N5934
24
15.6
19
700
0.25
1.0
18.2
62
1N5935
27
13.9
23
700
0.25
1.0
20.6
55
1N5936
30
12.5
28
750
0.25
1.0
22.8
50
1N5937
33
11.4
33
800
0.25
1.0
25.1
45
1N5938
36
10.4
38
850
0.25
1.0
27.4
41
1N5939
39
9.6
45
900
0.25
1.0
29.7
38
1N5940
43
8.7
53
950
0.25
1.0
32.7
34
1N5941
47
8.0
67
1000
0.25
1.0
35.8
31
1N5942
51
7.3
70
1100
0.25
1.0
38.8
29
1N5943
56
6.7
86
1300
0.25
1.0
42.6
26
1N5944
62
6.0
100
1500
0.25
1.0
47.1
24
1N5945
68
5.5
120
1700
0.25
1.0
51.2
22
1N5946
75
5.0
140
2000
0.25
1.0
56
20
1N5947
82
4.6
160
2500
0.25
1.0
62.2
18
1N5948
91
4.1
200
3000
0.25
1.0
69.2
16
1N5949
100
3.7
250
3100
0.25
1.0
76
15
1N5950
110
3.4
300
4000
0.25
1.0
83.6
13
1N5951
120
3.1
380
4500
0.25
1.0
91.2
12
1N5952
130
2.9
450
5000
0.25
1.0
98.8
11
1N5953
150
2.5
600
6000
0.25
1.0
114
10
1N5954
160
2.3
700
6500
0.25
1.0
121.6
9.0
1N5955
180
2.1
900
7000
0.25
1.0
136.8
8.0
1N5956
200
1.9
1200
8000
0.25
1.0
152
7.0
D0-41
Dim
Millimeters
Inches
Min
Max
Min
Max
A
25.4
---
1.000
---
B
4.20
5.20
0.165
0.205
C
0.70
0.90
0.028
0.034
D
2.00
2.70
0.080
0.107
WWW.SENOCN.COM
Alldatasheet


Similar Part No. - 1N4734

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4734 SURGE-1N4734 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4734 JINANJINGHENG-1N4734 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4734 DIGITRON-1N4734 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4734 SEMTECH-1N4734 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
Silicon Standard Corp.
1N4734 SSC-1N4734 Datasheet
173Kb / 3P
   Zener Diodes
More results

Similar Description - 1N4734

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com