Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2002SN2T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCS2002SN2T1
Description  Sub-One Volt Rail-to-Rail Operational Amplifier with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2002SN2T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCS2002SN2T1 Datasheet HTML 6Page - ON Semiconductor NCS2002SN2T1 Datasheet HTML 7Page - ON Semiconductor NCS2002SN2T1 Datasheet HTML 8Page - ON Semiconductor NCS2002SN2T1 Datasheet HTML 9Page - ON Semiconductor NCS2002SN2T1 Datasheet HTML 10Page - ON Semiconductor NCS2002SN2T1 Datasheet HTML 11Page - ON Semiconductor NCS2002SN2T1 Datasheet HTML 12Page - ON Semiconductor NCS2002SN2T1 Datasheet HTML 13Page - ON Semiconductor NCS2002SN2T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCS2002, NCV2002
http://onsemi.com
10
0
±0.5
VS, SUPPLY VOLTAGE (V)
±1.0
±1.5
±2.0
±2.5
4.0
6.0
0
2.0
8.0
10
Figure 32. Propagation Delay versus Supply Voltage
RL = 10 k
TA = 25°C
±3.0
±3.5
12
14
16
ton
toff
APPLICATION INFORMATION AND OPERATING DESCRIPTION
GENERAL INFORMATION
The NCS2002 is an industry first rail−to−rail input,
rail−to−rail output amplifier that features guaranteed sub
one volt operation. This unique feature set is achieved with
the use of a modified analog CMOS process that allows the
implementation of depletion MOSFET devices. The
amplifier has a 1.0 MHz gain bandwidth product, 1.2 V/
ms
slew rate and is operational over a power supply range less
than 0.9 V to as high as 7.0 V.
Inputs
The input topology chosen for this device series is
unconventional when compared to most low voltage
operational amplifiers. It consists of an N−channel depletion
mode differential transistor pair that drives a folded cascade
stage and current mirror. This configuration extends the
input common mode voltage range to encompass the VEE
and VCC power supply rails, even when powered from a
combined total of less than 0.9 volts. Figures 27, 28 and 29
show the input common mode voltage range versus power
supply voltage.
The differential input stage is laser trimmed in order to
minimize offset voltage. The N−channel depletion mode
MOSFET input stage exhibits an extremely low input bias
current of less than 10 pA. The input bias current versus
temperature is shown in Figure 4. Either one or both inputs
can be biased as low as VEE minus 300 mV to as high as
7.0 V without causing damage to the device. If the input
common mode voltage range is exceeded, the output will not
display a phase reversal. If the maximum input positive or
negative voltage ratings are to be exceeded, a series resistor
must be used to limit the input current to less than 2.0 mA.
The ultra low input bias current of the NCS2002 allows
the use of extremely high value source and feedback resistor
without reducing the amplifier’s gain accuracy. These high
value resistors, in conjunction with the device input and
printed circuit board parasitic capacitances Cin, will add an
additional pole to the single pole amplifier in Figure 33. If
low enough in frequency, this additional pole can reduce the
phase margin and significantly increase the output settling
time. The effects of Cin, can be canceled by placing a zero
into the feedback loop. This is accomplished with the
addition of capacitor Cfb. An approximate value for Cfb can
be calculated by:
Cfb +
Rin
Cin
Rfb
Figure 33. Input Capacitance Pole Cancellation
+
Output
Rfb
Cin
Rin
Cfb
Cin = Input and printed circuit board capacitance
Input


Similar Part No. - NCS2002SN2T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002SN2T1 ONSEMI-NCS2002SN2T1 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2002SN2T1G ONSEMI-NCS2002SN2T1G Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS2002SN2T1G ONSEMI-NCS2002SN2T1G Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
More results

Similar Description - NCS2002SN2T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2002 ONSEMI-NCS2002_13 Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
NCS7101 ONSEMI-NCS7101 Datasheet
138Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
January, 2004 ??Rev. 2
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
National Semiconductor ...
LMV422 NSC-LMV422 Datasheet
761Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com