Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7981HFZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD7981HFZ
Description  High Temperature, 16-Bit, 600 kSPS PulSAR ADC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7981HFZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7981HFZ Datasheet HTML 4Page - Analog Devices AD7981HFZ Datasheet HTML 5Page - Analog Devices AD7981HFZ Datasheet HTML 6Page - Analog Devices AD7981HFZ Datasheet HTML 7Page - Analog Devices AD7981HFZ Datasheet HTML 8Page - Analog Devices AD7981HFZ Datasheet HTML 9Page - Analog Devices AD7981HFZ Datasheet HTML 10Page - Analog Devices AD7981HFZ Datasheet HTML 11Page - Analog Devices AD7981HFZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
AD7981
Data Sheet
Rev. B | Page 8 of 26
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 2.5 V, VREF = 5.0 V, VIO = 3.3 V, TA = 25°C, unless otherwise noted.
Figure 6. Integral Nonlinearity (INL) vs. Code and Temperature, VREF = 5.0 V,
MSOP
Figure 7. Integral Nonlinearity (INL) vs. Code and Temperature, VREF = 2.5 V,
MSOP
Figure 8. Differential Nonlinearity (DNL) vs. Code and Temperature,
VREF = 5.0 V, MSOP
Figure 9. Integral Nonlinearity (INL) vs. Code and Temperature, VREF = 5.0 V,
FLATPACK
Figure 10. Integral Nonlinearity (INL) vs. Code and Temperature, VREF = 2.5 V,
FLATPACK
Figure 11. Differential Nonlinearity (DNL) vs. Code and Temperature,
VREF = 5.0 V, FLATPACK
25°C
175°C
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1
6901 13801 20701 27601 34501 41401 48301 55201 62101
CODE
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1
6397 12793 19189 25585 31981 38377 44773 51169 57565 63961
CODE
25°C
175°C
1
6901 13801 20701 27601 34501 41401 48301 55201 62101
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
CODE
25°C
175°C
CODE
–1.25
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
1.25
1
6901 13801 20701 27601 34501 41401 48301 55201 62101
–55°C
+25°C
+210°C
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1
7089 14177 21265 28353 35441 42529 49617 56705 63793
–55°C
+25°C
+210°C
CODE
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
1
7285 14569 21853 29137
CODE
36421 43705 50989 58273
–55°C
+25°C
+210°C


Similar Part No. - AD7981HFZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7981HRMZ AD-AD7981HRMZ Datasheet
743Kb / 25P
   High Temperature, 16-Bit, 600 kSPS PulSAR ADC
More results

Similar Description - AD7981HFZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7981 AD-AD7981 Datasheet
743Kb / 25P
   High Temperature, 16-Bit, 600 kSPS PulSAR ADC
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7686 AD-AD7686 Datasheet
566Kb / 29P
   16-Bit, 500 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7694 AD-AD7694 Datasheet
448Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com