Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9655 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9655
Description  Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9655 Datasheet(HTML) 5 Page - Analog Devices

  AD9655 Datasheet HTML 1Page - Analog Devices AD9655 Datasheet HTML 2Page - Analog Devices AD9655 Datasheet HTML 3Page - Analog Devices AD9655 Datasheet HTML 4Page - Analog Devices AD9655 Datasheet HTML 5Page - Analog Devices AD9655 Datasheet HTML 6Page - Analog Devices AD9655 Datasheet HTML 7Page - Analog Devices AD9655 Datasheet HTML 8Page - Analog Devices AD9655 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AD9655
Data Sheet
AVDD = 1.8 V, DRVDD = 1.8 V, 2.8 V p-p full-scale differential input mode, VREF = 1.4 V, AIN = −1.0 dBFS, 125 MSPS, unless otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ACCURACY
No Missing Codes
Full
Guaranteed2
Offset Error
Full
−0.12
+0.2
+0.48
% FSR
Offset Matching
Full
−0.2
+0.1
+0.33
% FSR
Gain Error
Full
−2.4
+2.8
+8.2
% FSR
Gain Matching
Full
−1.2
+0.4
+1.9
% FSR
Differential Nonlinearity (DNL)
Full
−0.99
+1.43
LSB
25°C
±0.7
LSB
Integral Nonlinearity (INL)
Full
−8.5
+8.5
LSB
25°C
±3.4
LSB
TEMPERATURE DRIFT
Gain Error
Full
−66
ppm/°C
Offset Error
Full
0.9
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage (1.4 V Mode)
Full
1.37
1.38
1.41
V
Load Regulation at 1.0 mA (VREF = 1.4 V)
25°C
186
mV
Input Resistance
25°C
7.5
kΩ
INPUT-REFERRED NOISE
VREF = 1.4 V
25°C
2
LSB rms
ANALOG INPUTS
Differential Input Voltage (VREF = 1.4 V)
Full
2.8
V p-p
Common-Mode Voltage
Full
0.9
V
Common-Mode Range
25°C
0.7
1.0
V
Differential Input Resistance
25°C
1.9
kΩ
Differential Input Capacitance
25°C
6.6
pF
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
V
IAVDD3
Full
101
111
mA
IDRVDD (ANSI-644 Mode)3
Full
73
79
mA
IDRVDD (Reduced Range Mode)3
Full
62
68
mA
TOTAL POWER CONSUMPTION
Sine Wave Input (Two Channels, Including Output Drivers ANSI-644 Mode)
Full
313
342
mW
Sine Wave Input (Two Channels, Including Output Drivers Reduced Range Mode)
Full
293
322
mW
Power-Down
Full
2
4
mW
Standby4
Full
155
172
mW
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
No missing codes guaranteed if Register 0x18 = 0x04 (default, no digital scaling of the output).
3
Measured with a low input frequency, −1 dBFS sine wave on both channels, DDR operation, and two-lane operation.
4
Standby mode can be controlled via the SPI.
Rev. 0 | Page 4 of 37


Similar Part No. - AD9655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
AD9655-125EBZ AD-AD9655-125EBZ Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
AD9655BCPZ-125 AD-AD9655BCPZ-125 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
AD9655BCPZRL7-125 AD-AD9655BCPZRL7-125 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
More results

Similar Description - AD9655

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9655 AD-AD9655 Datasheet
1Mb / 37P
   Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
AD9635 AD-AD9635 Datasheet
950Kb / 36P
   Dual, 12-Bit, 80 MSPS/125 MSPS, Serial LVDS 1.8 V Analog-to-Digital Converter
AD9681 AD-AD9681 Datasheet
1Mb / 40P
   Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
REV. A
AD9656 AD-AD9656 Datasheet
1Mb / 47P
   Quad, 16-Bit, 125 MSPS 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9653 AD-AD9653 Datasheet
1Mb / 40P
   Quad, 16-Bit, 125 MSPS, Serial LVDS 1.8 V
REV. 0
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9656BCPZ-125 AD-AD9656BCPZ-125 Datasheet
1,007Kb / 44P
   Quad, 16-Bit, 125 MSPS, JESD204B 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com