Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9690BCPZ-500 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9690BCPZ-500
Description  Analog-to-Digital Converter
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9690BCPZ-500 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9690BCPZ-500 Datasheet HTML 5Page - Analog Devices AD9690BCPZ-500 Datasheet HTML 6Page - Analog Devices AD9690BCPZ-500 Datasheet HTML 7Page - Analog Devices AD9690BCPZ-500 Datasheet HTML 8Page - Analog Devices AD9690BCPZ-500 Datasheet HTML 9Page - Analog Devices AD9690BCPZ-500 Datasheet HTML 10Page - Analog Devices AD9690BCPZ-500 Datasheet HTML 11Page - Analog Devices AD9690BCPZ-500 Datasheet HTML 12Page - Analog Devices AD9690BCPZ-500 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
AD9690
Data Sheet
Rev. B | Page 8 of 78
Parameter
Temperature
Min
Typ
Max
Unit
LOGIC OUTPUT (FD)
Logic Compliance
Full
CMOS
Logic 1 Voltage
Full
0.8
SPIVDD
V
Logic 0 Voltage
Full
0
0
V
Input Resistance
Full
30
kΩ
DIGITAL OUTPUTS (SERDOUTx±, x = 0 TO 3)
Logic Compliance
Full
CML
Differential Output Voltage
Full
360
770
mV p-p
Output Common-Mode Voltage (VCM)
AC Coupled
25°C
0
1.8
V
Short-Circuit Current (IDSHORT)
25°C
−100
+100
mA
Differential Return Loss (RLDIFF)1
25°C
8
dB
Common-Mode Return Loss (RLCM)1
25°C
6
dB
Differential Termination Impedance
Full
80
100
120
1
Differential and common-mode return loss is measured from 100 MHz to 0.75 MHz × baud rate.
SWITCHING SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.5 V, AVDD3 = 3.3 V, AVDD1_SR = 1.25 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified
maximum sampling rate for each speed grade, AIN = −1.0 dBFS, default SPI settings, TA = 25°C, unless otherwise noted.
Table 4.
AD9690-500
AD9690-1000
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK
Clock Rate (at CLK+/CLK− Pins)
Full
0.3
4
0.3
4
GHz
Maximum Sample Rate1
Full
500
1000
MSPS
Minimum Sample Rate2
Full
300
300
MSPS
Clock Pulse Width High
Full
1000
500
ps
Clock Pulse Width Low
Full
1000
500
ps
OUTPUT PARAMETERS
Unit Interval (UI)3
Full
80
200
80
100
ps
Rise Time (tR) (20% to 80% into 100 Ω Load)
25°C
24
32
24
32
ps
Fall Time (tF) (20% to 80% into 100 Ω Load)
25°C
24
32
24
32
ps
PLL Lock Time
25°C
2
2
ms
Data Rate (NRZ)4
25°C
3.125
5
12.5
3.125
10
12.5
Gbps
LATENCY5
Pipeline Latency
Full
55
55
Clock cycles
Fast Detect Latency
Full
28
28
Clock cycles
Wake-Up Time6
Standby
25°C
1
1
ms
Power-Down
25°C
4
4
ms
APERTURE
Aperture Delay (tA)
Full
530
530
ps
Aperture Uncertainty (Jitter, tj)
Full
55
55
fs rms
Out-of-range Recovery Time
Full
1
1
Clock Cycles
1
The maximum sample rate is the clock rate after the divider.
2
The minimum sample rate operates at 300 MSPS with L = 2 or L = 1.
3
Baud rate = 1/UI. A subset of this range can be supported.
4
Default L = 4. This number can be changed based on the sample rate and decimation ratio.
5
No DDCs used. L = 2, M = 1, F = 1.
6
Wake-up time is defined as the time required to return to normal operation from power-down mode.


Similar Part No. - AD9690BCPZ-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9690BCPZ-500 AD-AD9690BCPZ-500 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
More results

Similar Description - AD9690BCPZ-500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com