Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC4211 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC4211
Description  Constant Current Linear LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC4211 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC4211 Datasheet HTML 1Page - E-CMOS Corporation EC4211 Datasheet HTML 2Page - E-CMOS Corporation EC4211 Datasheet HTML 3Page - E-CMOS Corporation EC4211 Datasheet HTML 4Page - E-CMOS Corporation EC4211 Datasheet HTML 5Page - E-CMOS Corporation EC4211 Datasheet HTML 6Page - E-CMOS Corporation EC4211 Datasheet HTML 7Page - E-CMOS Corporation EC4211 Datasheet HTML 8Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EC4211
Constant Current Linear LED Driver
E-CMOS Corp. (www.ecmos.com.tw)
3D03N Rev. F003
Page 2of 8
1
2
3
(SOP-8L)
4
8
7
6
5
RGAIN
VLED
VLED
VLED
VLED
VIN
REXT
NC
Thermal
PAD
5
RGAIN
4
VIN
13
2
3
(TO252-5L)
REXT NC VLED
Thermal PAD
DFN-8L
REXT
VIN
NC
Thermal
PAD
1
2
3
4
5
6
7
8 VLED
VLED
VLED
VLED
RGAIN
ABSOLUTE MAXIMUM RATINGS
VIN Supply Voltage................................................... 500V
REXT, RGAIN Operation Voltages…................................ 6V
Operating Temperature………………… -40°C to +125°C
Storage Temperature…………………… -55°C to +150°C
Maximum Die Temperature………………………. +150°C
Lead Temperature……………………………….… +260°C
ESD HBM Voltage……………………………....…… 2.5kV
ESD MM Voltage……………………………………… 300V
PIN CONFIGURATION
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied. Continuous operation of the device at the absolute rating
level may affect device reliability.
Ordering Information
Part No.
Package Type
Marking Information
Remark
EC4211NNMHR
SOP-8L
EC4211
YYWW
LLLLLT
YYWW :Date Code
LLLLL:Lot No
T:internal tracking code
EC4211NNF2R
DFN-8L
EC4211
LLLLL
YYWWT
EC4211NNA5R
TO252-5L
EC4211
YYWW
LLLLLT
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Electrical Characteristic
VIN
Operation Voltage
15
265
V
ILED
Current Regulation (Note 1)
VIN=120Vdc, REXT=15Ω, VLED=100V
38.16
40.17
42.18
mA
VIN=220Vdc, REXT=30Ω, VLED=200V
19.16
20.17
21.18
mA
ILED(MAX)
Maximum Current Regulation
VDROP≦16V (Note 2)
60
mA
IQ
Quiescent Current
VIN=20Vdc, REXT=Open
170
µA
VREF
Reference Voltage (Note 3)
0.6
V
VDROP(MAX)
Maximum Dropout Voltage (Note 4)
VIN= 265Vac, REXT=30Ω, VLED=220V
170
V
Thermal Characteristic
VREF(T)
VREF Temperature Coefficient
TA=-40°C ~125°C
0.01
/℃
TA
Operating Temperature
-40
125
PD
Total Power Dissipation (Operation)
1
W
RΘJA
Thermal Resistance
SOP-8L Package
75
/W
DFN-8L Package
33.2
/W
TO252-5L Package
68
/W
Protection
OCP
Over Current Protection
150
mA
OTP
Over Temperature Protection
150
TFP
Thermal Foldback Protection (Note 5)
90
Note:
1. ILED=0.6/REXT+IQ
2. VDROP=VIN-VLED-0.6, PD<1W (No heat sink)
3. VREF=V(REXT)-VLED
4. The current regulation is for a instantaneous AC line input current only, not to exceed thermal characteristics of package.
5. ILED(TFP)=ILED-V(RGAIN)/RGAIN


Similar Part No. - EC4211

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC4213 E-CMOS-EC4213 Datasheet
288Kb / 5P
   Constant Current N-Channel MOSFET Linear LED Controller
EC4213NNM1R E-CMOS-EC4213NNM1R Datasheet
288Kb / 5P
   Constant Current N-Channel MOSFET Linear LED Controller
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
EC42151NNF2R E-CMOS-EC42151NNF2R Datasheet
257Kb / 6P
   Constant Current LED Driver with PWM Dimming
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
   Linear LED Driver
More results

Similar Description - EC4211

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
   Linear Constant - Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
logo
Maxic Technology Corpor...
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7164 HMSEMI-HM7164 Datasheet
515Kb / 6P
   Segmented linear constant current LED driver
logo
Taiwan Semiconductor Co...
TSCR420CX6 TSC-TSCR420CX6 Datasheet
713Kb / 11P
   Linear Constant Current Regulated LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com