Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491D476M010AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T491D476M010AT
Description  Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491D476M010AT Datasheet(HTML) 1 Page - Kemet Corporation

  T491D476M010AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 26a30e6c-89ad-4438-9dcd-415d726e71d4
KEMET Part Number: T491D476M010AT
(B45196E2476M409)
Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
2.8mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
E
3.5mm REF
G
3.5mm REF
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 446.84 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T491
Description: SMD, MnO2, Molded
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 47 uF
Capacitance Tolerance: 20%
Voltage DC: 10 VDC (85C), 6.7 VDC (125C)
Temperature Range: -55/+125C
Dissipation Factor: 6% 120Hz 20C
Failure Rate: N/A
Resistance: 0.8 Ohms (100kHz)
Current:
433 mAmps (100kHz 25C),
389.7 mAmps (85C), 173.2
mAmps (125C)
Leakage Current: 4.7 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T491D476M010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D476M016AT KEMET-T491D476M016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 16 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
More results

Similar Description - T491D476M010AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D476K010AT KEMET-T491D476K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D476M016AT KEMET-T491D476M016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 20%, 16 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D476K006AT KEMET-T491D476K006AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 6.3 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D476K016AT KEMET-T491D476K016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D476K020AT KEMET-T491D476K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 3.1mm
T491D226K020AT KEMET-T491D226K020AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D336K020AT KEMET-T491D336K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D336M010AT KEMET-T491D336M010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 33 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D336M020AT KEMET-T491D336M020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 33 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
T491D106K050AT KEMET-T491D106K050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 800 mOhms, Height Max = 3.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com