Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491X156K050AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T491X156K050AT
Description  Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491X156K050AT Datasheet(HTML) 1 Page - Kemet Corporation

  T491X156K050AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 871db0ca-f4b0-4b36-b0b4-d3d483448de7
KEMET Part Number: T491X156K050AT
(B45196H7156K509)
Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
4mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
E
3.5mm REF
G
3.5mm REF
P
1.7mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 652.04 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T491
Description: SMD, MnO2, Molded
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 15 uF
Capacitance Tolerance: 10%
Voltage DC: 50 VDC (85C), 33.5 VDC (125C)
Temperature Range: -55/+125C
Dissipation Factor: 8% 120Hz 20C
Failure Rate: N/A
Resistance: 0.7 Ohms (100kHz)
Current:
486 mAmps (100kHz 25C),
437.4 mAmps (85C), 194.4
mAmps (125C)
Leakage Current: 7.5 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T491X156K050AT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T491X156K035AS-F CDE-T491X156K035AS-F Datasheet
368Kb / 5P
   Solid Tantalum Chip Capacitors for Surface Mount Applications
More results

Similar Description - T491X156K050AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491X106K050AT KEMET-T491X106K050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X106M050AT KEMET-T491X106M050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 50 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X226K035AT KEMET-T491X226K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X686K020AT KEMET-T491X686K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 68 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X336K025AT KEMET-T491X336K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 33 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X476K025AT KEMET-T491X476K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 47 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X226K050AT KEMET-T491X226K050AT Datasheet
81Kb / 1P
   T491, Tantalum, MnO2 Tantalum, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 600 mOhms, Height Max = 4.3mm
T491X107M016AT KEMET-T491X107M016AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 100 uF, 20%, 16 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X226M035AT KEMET-T491X226M035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 22 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 700 mOhms, Height Max = 4.3mm
T491X227K010AT KEMET-T491X227K010AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, 500 mOhms, Height Max = 4.3mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com