Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A391 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A391
Description  Bandwidth Quad Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A391 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A391 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A391 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
09/09/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NC1
N.C.
GND
NC4
IN4
COM4
IN2
NC2
V
N.C.
NC3
COM3
IN3
COM2
PS391
CC
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
N.C.
GND
NO4
IN4
COM4
IN2
NO2
V
N.C.
NO3
COM3
IN3
COM2
PS392
CC
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
COM1
NO1
N.C.
GND
NO4
IN4
COM4
IN2
NC2
V
N.C.
NC3
COM3
IN3
COM2
PS393
CC
A
2
9
3
A
5
I
P
c
i
g
o
Lh
c
ti
w
S
0
1
F
F
O
N
O
A
3
9
3
A
5
I
P
c
i
g
o
L4
,
1
s
e
h
c
ti
w
S3
,
2
s
e
h
c
ti
w
S
0
1
F
F
O
N
O
N
O
F
F
O
PI5A391A
PI5A392A
PI5A393A
Functional Diagram, Pin Configuration and Truth Tables
Precision Wide
Bandwidth Quad Analog Switches
Switches are shown with logic "0" input.
PI5A391A
PI5A392A
PI5A393A
Features
Single-Supply Operation (+2V to +6V)
Rail-to-Rail Analog Signal Range
Low On-Resistance (6Ω typ @ 5V)
Minimizes Distortion and Error Voltages
R
ON Matching Between Channels, 0.4 Ω typ
On-Resistance Flatness, 2Ω typ
Low Charge Injection. Q=4pC typ.
Reduces Step errors, “clicking, popping” noise
High Speed. t
ON, 10ns typ
Very Low Crosstalk: -72dB @ 30 MHz
Wide -3dB Bandwidth: >200 MHz
High-Current Channel Capability: >100mA
TTL/CMOS Logic Compatible
Low Power Consumption (0.5µW typ)
Pin-compatible with DG3XX, DG4XX, MAX39X
Applications
Audio, Video Switching and Routing
Battery-Powered Communication Systems
Computer Peripherals
Telecommunications
Portable Instrumentation
Mechanical Relay Replacement
Description
The PI5A391A/392A/393A are monolithic analog switches de-
signed for low-voltage, single-supply operation. These high-preci-
sion devices are ideal for low-distortion audio, video, signal
switching and routing applications.
The PI5A391A is a quad single-pole single-throw (SPST), nor-
mally closed (NC) switch. The PI5A392A has four normally open
(NO) switches. The PI5A393A has two NC and two NO switches
per package.
Each switch conducts current equally well in either direction when
on. When off they block voltages up to the power-supply rails.
The PI5A391A/392A/393A are fully specified with +5V, and
+3.3V supplies. With +5V, they guarantee <12Ω on-resistance.
On-resistance matching between channels is within 2Ω. On-resis-
tance flatness is less than 4Ω over the full signal range. The
PI5A39X family guarantees fast switching speeds (t
ON < 20ns).
These products are available in the 16-pin narrow-body SOIC,
QSOP, and PDIP packages for operation over the industrial (-40oC
to +85 oC) temperature range.
1
9
3
A
5
I
P
c
i
g
o
Lh
c
ti
w
S
0
1
N
O
F
F
O


Similar Part No. - PI5A391

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A391AQ PERICOM-PI5A391AQ Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
PI5A391AW PERICOM-PI5A391AW Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
More results

Similar Description - PI5A391

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
   Precision Wide Bandwidth Quad Analog Switches
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
   Quad Analog Switches
logo
Pericom Semiconductor C...
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
   Wide Bandwidth Analog Switches
logo
Hitachi Semiconductor
HD74LV4066A HITACHI-HD74LV4066A Datasheet
72Kb / 17P
   Quad. Analog Switches / Quad. Multiplexers
logo
Renesas Technology Corp
HD74HC4066 RENESAS-HD74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switches/Quad Multiplexers
HD74LV4066A RENESAS-HD74LV4066A_15 Datasheet
145Kb / 15P
   Quad. Analog Switches / Quad. Multiplexers
HD74HC4066 RENESAS-HD74HC4066_15 Datasheet
144Kb / 12P
   Quad Analog Switches/Quad Multiplexers
logo
Hitachi Semiconductor
HD74HC4066 HITACHI-HD74HC4066 Datasheet
50Kb / 10P
   Quad Analog Switches/Quad Multiplexers
logo
Renesas Technology Corp
HD74LV4066A RENESAS-HD74LV4066A Datasheet
125Kb / 13P
   Quad. Analog Switches / Quad. Multiplexers
logo
Maxim Integrated Produc...
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com