Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495C106K020ATE400 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T495C106K020ATE400
Description  T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, Low ESR, 400 mOhms, Height Max = 2.8mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495C106K020ATE400 Datasheet(HTML) 1 Page - Kemet Corporation

  T495C106K020ATE400 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 9/25/2017 - eec5a4a4-4ea9-4f6d-a361-7acd3bb7dee3
KEMET Part Number: T495C106K020ATE400
T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, Low ESR, 400 mOhms, Height Max = 2.8mm
Dimensions
Footprint
6032
L
6mm +/-0.3mm
W
3.2mm +/-0.3mm
H
2.5mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.2mm +/-0.1mm
A
2.9mm MIN
B
0.5mm +/-0.15mm
E
2.4mm REF
G
2.8mm REF
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 224.48 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Supplier: KEMET
Series: T495
Dielectric: MnO2 Tantalum
Style: SMD Chip
Description: SMD, MnO2, Molded, Low ESR
Features: Low ESR
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 10 uF
Capacitance Tolerance: 10%
Voltage DC: 20 VDC (85C), 13.4 VDC (125C)
Temperature Range: -55/+125C
Rated Temperature: 85C
Dissipation Factor: 6% 120Hz 20C
Failure Rate: N/A
Resistance: 400 mOhms (100kHz)
Current:
524 mAmps (100kHz 25C),
471.6 mAmps (85C), 209.6
mAmps (125C)
Leakage Current: 2 uA (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T495C106K020ATE400

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495C106K025ATE450 KEMET-T495C106K025ATE450 Datasheet
76Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 25 VDC, SMD, MnO2, Molded, Low ESR, 450 mOhms, 6032, Height Max = 2.8mm
More results

Similar Description - T495C106K020ATE400

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495C106K010ATE400 KEMET-T495C106K010ATE400 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Low ESR, 400 mOhms, Height Max = 2.8mm
T495C106K035ATE400 KEMET-T495C106K035ATE400 Datasheet
76Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 35 VDC, SMD, MnO2, Molded, Low ESR, 400 mOhms, 6032, Height Max = 2.8mm
T495C685K025ATE400 KEMET-T495C685K025ATE400 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 6.8 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, Low ESR, 400 mOhms, Height Max = 2.8mm
T495C107K010ATE250 KEMET-T495C107K010ATE250 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 100 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Low ESR, 250 mOhms, Height Max = 2.8mm
T495C476K010ATE300 KEMET-T495C476K010ATE300 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
T495C226K010ATE245 KEMET-T495C226K010ATE245 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 22 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Low ESR, 245 mOhms, 2.8mm
T494C226K020AT KEMET-T494C226K020AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T494, 22 uF, 10%, 20 V, 6032, SMD, MnO2, Molded, Low ESR, 400 mOhms, Height Max = 2.8mm
T495C107K010ATE150 KEMET-T495C107K010ATE150 Datasheet
260Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 100 uF, 10%, 10 VDC, SMD, MnO2, Molded, Low ESR, 150 mOhms, 6032, Height Max = 2.8mm
T495C106K025ATE450 KEMET-T495C106K025ATE450 Datasheet
76Kb / 1P
   T495, Tantalum, MnO2 Tantalum, 10 uF, 10%, 25 VDC, SMD, MnO2, Molded, Low ESR, 450 mOhms, 6032, Height Max = 2.8mm
T495C475K025ATE530 KEMET-T495C475K025ATE530 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 4.7 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, Low ESR, 530 mOhms, Height Max = 2.8mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com