Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC118 Datasheet(PDF) 2 Page - Picker Components

Part # PC118
Description  Miniature 4 Pole 5 Amp General Purpose Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC118 Datasheet(HTML) 2 Page - Picker Components

  PC118_17 Datasheet HTML 1Page - Picker Components PC118_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC118 Rev F 5/24/2016
2 of 2
PC118
PC118


Similar Part No. - PC118_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC118 PICKER-PC118 Datasheet
264Kb / 2P
   Mina ture 4 pole 5 Amp General Purpose Relay
More results

Similar Description - PC118_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC118 PICKER-PC118 Datasheet
264Kb / 2P
   Mina ture 4 pole 5 Amp General Purpose Relay
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
logo
Tyco Electronics
KRP-11AG-24 MACOM-KRP-11AG-24 Datasheet
142Kb / 5P
   5 to 10 Amp General Purpose Relay
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
   Miniature General Purpose Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
DB Lectro Inc
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
   Miniature General Purpose Relay
logo
List of Unclassifed Man...
AZ429-C07-10LUS ETC2-AZ429-C07-10LUS Datasheet
321Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
ZETTLER Electronics
AZ830-4C ZETTLER-AZ830-4C Datasheet
99Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
AZ830-4C-5DEA ZETTLER-AZ830-4C-5DEA Datasheet
156Kb / 2P
   4 POLE POLARIZED MINIATURE DIP RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com