Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC785 Datasheet(PDF) 1 Page - Picker Components

Part # PC785
Description  35 Amp Automotive Plug-In Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC785 Datasheet(HTML) 1 Page - Picker Components

  PC785_17 Datasheet HTML 1Page - Picker Components PC785_17 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC785 Rev S 4/07/2017
1 of 2
FEATURES
 ISO 280 Footprint
 1A and 1C Contact Forms Available
 Contact Switching Capacity up to 40 Amps
 35 Amps Continuous Carrying Current Standard Version
 40 Amps Continuous Carrying Current High Version
 1250C Operating Temperature
 Internal Diodes or Resistors Available
 RoHS Compliant
CONTACT RATINGS 14 VDC
35 Amp Automotive Plug-In Power Relay
PC785, PC785H
CONTACT RATINGS 28 VDC
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 120 A
Make 90 A
Break 40 A
Break 30 A
Max Switching Voltage
75 VDC
Max Continuous Current Standard
35 A
25 A
Max Continuous Current H
40 A
30 A
Max Switching Power
490 Standard, 560 Watts H
Minimum Load
0.1 A at 12 VDC
Contact Form
1 Form A or 1 Form C
Normally Open
Normally Closed
Max Switching Current
Make 60 A
Make 45 A
Break 20 A
Break 15 A
Max Switching Voltage
75 VDC
Max Continuous Current Standard
17.5 A
12.5 A
Max Continuous Current H
20 A
15 A
Max Switching Power
490 Standard, 560 Watts H
Minimum Load
0.1 A at 12 VDC
CHARACTERISTICS
Operate Time
5 msec or less (without coil suppression)
Release Time
2 msec or less (without coil suppression)
Insulation Resistance
100 MΩ min at 500VDC,
50% RH (Item 7 of IEC255-5)
Dielectric Strength
500 Vrms, 1 min. between coil and contacts
(Item 6 of IEC 255-5)
Shock Resistance
200m/ss 11 ms (IEC-2-27 Test Ea,)
Vibration Resistance
DA 127 mm, 10-40 Hz; 40-70 Hz: 5 g:
DA 0.5 mm , 70-100 Hz ; 100-500 Hz: 10 g
Drop Resistance
1 Meter Height Drop on Concrete In Final
Enclosure
Power Consumption
1.3 W Approximately
CONTACT DATA
Material
AgSnO2 (Silver Tin Indium Oxide)
Initial Contact Resistance
100 mΩ max at 0.1 A, 6 VDC
Service Life
Electrical
1 x 10
5 Operations
Mechanical
1 x 10
7 Operations
ORDERING INFORMATION
Example:
PC785
-1C
-12
C
-R
-X
Model: PC785
Contact Form: 1A or 1C
Coil Voltage: 6, 12, 24
Enclosure: C: Dust Cover, S: Sealed
Parallel Component: Nil: None; D: Diode; R: Resistor;
RoHS Compliant: -X
Box Quantity: 500; Inner Box: 250
Terminal Strength
10N
Ambient Temperature Range
-40 to 125
°C Operating
Relative Humidity
85% (at 20°C)
Weight
21grams
CHARACTERISTICS CONTINUED


Similar Part No. - PC785_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC785 PICKER-PC785 Datasheet
427Kb / 2P
   35 Amp Automotive Plug-In Power Relay
More results

Similar Description - PC785_17

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC785 PICKER-PC785 Datasheet
427Kb / 2P
   35 Amp Automotive Plug-In Power Relay
PC783 PICKER-PC783 Datasheet
711Kb / 2P
   35 Amp Micro ISO Automotive Plug In / PCB Relay
PC763 PICKER-PC763 Datasheet
812Kb / 2P
   30 Amp Automotive Plug-In Power Relay
PC786 PICKER-PC786 Datasheet
198Kb / 2P
   60 Amp Automotive Plug-In Power Relay
PC764 PICKER-PC764 Datasheet
812Kb / 2P
   30 Amp Automotive Plug-In Power Relay
PC782H PICKER-PC782H Datasheet
596Kb / 3P
   35 Amp Micro ISO Automotive Plug In / PCB
PC7150 PICKER-PC7150 Datasheet
281Kb / 2P
   150/100 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H Datasheet
239Kb / 3P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC792C PICKER-PC792C_15 Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795 Datasheet
251Kb / 3P
   80/60 Amp Automotive Plug-In / PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com