Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R413W41000000M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R413W41000000M
Description  R41, Film, Metallized Polypropylene, Safety, 1 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 37.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R413W41000000M Datasheet(HTML) 1 Page - Kemet Corporation

  R413W41000000M Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 10/24/2017 - a7d7b9cb-593c-4555-ba2e-97c54353d4d0
KEMET Part Number: R413W41000000M
R41, Film, Metallized Polypropylene, Safety, 1 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 37.5mm
Dimensions
L
41.5mm +0.3mm
H
40mm +0.1mm
T
20mm +0.3mm
S
37.5mm +/-0.4mm
LL
4mm +2mm
F
1mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 126
General Information
Supplier: KEMET
Series: R41
Dielectric: Metallized Polypropylene
Style: Radial
Features: EMI Safety
RoHS: Yes
Lead: Cut
Approvals: ENEC, UL, cUL, CQC
AEC-Q200: No
Specifications
Capacitance: 1 uF
Capacitance Tolerance: 20%
Voltage DC: 1000 VDC
Voltage AC: 300 VAC (Y2)
Temperature Range: -40/+110C
Rated Temperature: 110C
Dissipation Factor: 0.3% 1kHz
Insulation Resistance: 30 GOhms
Max dVdt: 300 V
Safety Class: Y2
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - R413W41000000M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R413W41004000M KEMET-R413W41004000M Datasheet
55Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety:X1/Y2, 300 VAC, Lead Spacing=37.5 mm
R413W410050T0K KEMET-R413W410050T0K Datasheet
51Kb / 1P
   R41T, Film, Metallized Polypropylene, Automotive Safety, 1 uF, 10%, 300 VAC (Y2), 125째C, Lead Spacing = 37.5mm
More results

Similar Description - R413W41000000M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R413W36800000M KEMET-R413W36800000M Datasheet
55Kb / 1P
   R41, Film, Metallized Polypropylene, Safety, 0.68 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 37.5mm
R413R34700000M KEMET-R413R34700000M Datasheet
54Kb / 1P
   R41, Film, Metallized Polypropylene, Safety, 0.47 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 27.5mm
R413N268000M1M KEMET-R413N268000M1M Datasheet
55Kb / 1P
   R41, Film, Metallized Polypropylene, Safety, 0.068 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 22.5mm
R413R32200000M KEMET-R413R32200000M Datasheet
54Kb / 1P
   R41, Film, Metallized Polypropylene, Safety, 0.22 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 27.5mm
R413I247000M1M KEMET-R413I247000M1M Datasheet
54Kb / 1P
   R41, Film, Metallized Polypropylene, Safety, 0.047 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 15mm
R413R34700000K KEMET-R413R34700000K Datasheet
58Kb / 1P
   R41, Film, Metallized Polypropylene, Safety, 0.47 uF, 10%, 300 VAC (Y2), 1000 VDC, 110C, Lead Spacing = 27.5mm
R413I21000000K KEMET-R413I21000000K Datasheet
54Kb / 1P
   R41, Film, Metallized Polypropylene, Safety, 0.01 uF, 10%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 15mm
F881FY105M300ZLH0J KEMET-F881FY105M300ZLH0J Datasheet
56Kb / 1P
   F881, Film, Metallized Polypropylene, Safety, 1 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 27.5mm
F881AO103M300A KEMET-F881AO103M300A Datasheet
56Kb / 1P
   F881, Film, Metallized Polypropylene, Safety, 0.01 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 10mm
F881DY334M300ZLH0J KEMET-F881DY334M300ZLH0J Datasheet
56Kb / 1P
   F881, Film, Metallized Polypropylene, Safety, 0.33 uF, 20%, 1000 VDC, 300 VAC (Y2), 110C, Lead Spacing = 22.5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com