Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T491D106M025AT Datasheet(PDF) 1 Page - Kemet Corporation

Part # T491D106M025AT
Description  Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 25 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491D106M025AT Datasheet(HTML) 1 Page - Kemet Corporation

  T491D106M025AT Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 2583e3fc-85e8-4af0-8392-aa8752aa0986
KEMET Part Number: T491D106M025AT
(B45196E5106M409)
Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 25 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
Dimensions
Footprint
7343
L
7.3mm +/-0.3mm
W
4.3mm +/-0.3mm
H
2.8mm +/-0.3mm
T
0.13mm REF
S
1.3mm +/-0.3mm
F
2.4mm +/-0.1mm
A
3.6mm MIN
B
0.5mm +/-0.15mm
E
3.5mm REF
G
3.5mm REF
P
0.9mm REF
R
1mm REF
X
0.1mm +/-0.1mm
Packaging Specifications
Weight: 446.84 mg
Packaging: T&R, 178mm
Packaging Quantity: 500
General Information
Dielectric: MnO2 Tantalum
Style: SMD Chip
Series: T491
Description: SMD, MnO2, Molded
RoHS: Yes
Termination: Tin
Specifications
Capacitance: 10 uF
Capacitance Tolerance: 20%
Voltage DC: 25 VDC (85C), 16.75 VDC
(125C)
Temperature Range: -55/+125C
Dissipation Factor: 6% 120Hz 20C
Failure Rate: N/A
Resistance: 1 Ohms (100kHz)
Current:
387 mAmps (100kHz 25C),
348.3 mAmps (85C), 154.8
mAmps (125C)
Leakage Current: 2.5 uAmps (5min 20C)
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - T491D106M025AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D106M035AT KEMET-T491D106M035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D106M050AT KEMET-T491D106M050AT Datasheet
81Kb / 1P
   Capacitor, Tantalum, SMD, MnO2, Molded, 10 uF, 7343, /-20% Tol, 50 VDC (85C)
More results

Similar Description - T491D106M025AT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D106K025AT KEMET-T491D106K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D156K025AT KEMET-T491D156K025AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 25 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D156K020AT KEMET-T491D156K020AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 15 uF, 10%, 20 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D106M035AT KEMET-T491D106M035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D106K035AT KEMET-T491D106K035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, 1 Ohms, Height Max = 3.1mm
T491D685M035AT KEMET-T491D685M035AT Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 6.8 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, 1.2 Ohms, Height Max = 3.1mm
T491D335K050AT KEMET-T491D335K050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 3.3 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 1.6 Ohms, Height Max = 3.1mm
T491D225K050AT KEMET-T491D225K050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 2.2 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 2.5 Ohms, Height Max = 3.1mm
T491D475K050AH KEMET-T491D475K050AH Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 4.7 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, 1.2 Ohms, Height Max = 3.1mm
T491D335M050AT KEMET-T491D335M050AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 3.3 uF, 20%, 50 V, 7343, SMD, MnO2, Molded, 1.6 Ohms, Height Max = 3.1mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com