Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4483EDY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4483EDY
Description  P-Channel 30-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4483EDY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4483EDY Datasheet HTML 1Page - Vishay Siliconix SI4483EDY Datasheet HTML 2Page - Vishay Siliconix SI4483EDY Datasheet HTML 3Page - Vishay Siliconix SI4483EDY Datasheet HTML 4Page - Vishay Siliconix SI4483EDY Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D ESD Protection: 3000 V
APPLICATIONS
D Notebook PC
− Load Switch
− Adapter Switch
Si4483EDY
Vishay Siliconix
Document Number: 72862
S-42139—Rev. B, 15-Nov-04
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
−30
0.0085 @ VGS = −10 V
−14
−30
0.014 @ VGS = −4.5 V
−11
SD
S
D
SD
G
D
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4483EDY-T1—E3
P-Channel
7100 W
D
S
G
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
−30
V
Gate-Source Voltage
VGS
"25
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−14
−10
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
−11
−8
A
Pulsed Drain Current
IDM
−50
A
Continuous Source Current (Diode Conduction)a
IS
−2.7
−1.36
Maximum Power Dissipationa
TA = 25_C
PD
3.0
1.5
W
Maximum Power Dissipationa
TA = 70_C
PD
1.9
0.95
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
33
42
Maximum Junction-to-Ambienta
Steady State
RthJA
70
85
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
16
21
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI4483EDY

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4483EDY-T1-E3 VBSEMI-SI4483EDY-T1-E3 Datasheet
991Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4483EDY_RC VISHAY-SI4483EDY_RC Datasheet
194Kb / 3P
   R-C Thermal Model Parameters
Revision 01-Sep-05
More results

Similar Description - SI4483EDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com