Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP30Y Datasheet(PDF) 2 Page - Chip Integration Technology Corporation

Part # GP30Y
Description  3A Leaded Type General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

GP30Y Datasheet(HTML) 2 Page - Chip Integration Technology Corporation

  GP30Y Datasheet HTML 1Page - Chip Integration Technology Corporation GP30Y Datasheet HTML 2Page - Chip Integration Technology Corporation GP30Y Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
■ Rating and characteristic curves
s
o
Ta ( C)
o
TJ=125 C
o
TJ=100 C
o
TJ=25 C
1.2
0.6
100
o
TJ=25 C
GP30Y
3A Leaded Type General Purpose Rectifiers
Chip Integration Technology Corporation
Document ID : DS-22G23
Revised Date : 2016/09
Revision : C1


Similar Part No. - GP30Y

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
GP30Y GULFSEMI-GP30Y Datasheet
139Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:1100V to 1600V CURRENT: 3.0A
More results

Similar Description - GP30Y

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
GR3005 CITC-GR3005 Datasheet
89Kb / 3P
   3A Leaded Type General Purpose Rectifiers
GR1005 CITC-GR1005 Datasheet
89Kb / 3P
   1A Leaded Type General Purpose Rectifiers
GR1505 CITC-GR1505 Datasheet
145Kb / 3P
   1.5A Leaded Type General Purpose Rectifiers
GR2005 CITC-GR2005 Datasheet
145Kb / 3P
   2A Leaded Type General Purpose Rectifiers
SR32 CITC-SR32 Datasheet
150Kb / 3P
   3A Leaded Type Schottky Barrier Rectifiers
logo
Formosa MS
6A05 FORMOSA-6A05_17 Datasheet
94Kb / 6P
   Axial Leaded General Purpose Rectifiers
logo
Shindengen Electric Mfg...
D3F60 SHINDENGEN-D3F60 Datasheet
270Kb / 5P
   General Purpose Rectifiers(600V 3A)
logo
Formosa MS
1N4001 FORMOSA-1N4001_17 Datasheet
106Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5400G FORMOSA-1N5400G_17 Datasheet
95Kb / 6P
   Axial Leaded General Purpose Rectifiers
1N5391G FORMOSA-1N5391G Datasheet
98Kb / 6P
   Axial Leaded General Purpose Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com