Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDM1677DGGR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDM1677DGGR
Description  HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDM1677DGGR Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDM1677DGGR Datasheet HTML 1Page - Texas Instruments SN65LVDM1677DGGR Datasheet HTML 2Page - Texas Instruments SN65LVDM1677DGGR Datasheet HTML 3Page - Texas Instruments SN65LVDM1677DGGR Datasheet HTML 4Page - Texas Instruments SN65LVDM1677DGGR Datasheet HTML 5Page - Texas Instruments SN65LVDM1677DGGR Datasheet HTML 6Page - Texas Instruments SN65LVDM1677DGGR Datasheet HTML 7Page - Texas Instruments SN65LVDM1677DGGR Datasheet HTML 8Page - Texas Instruments SN65LVDM1677DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN65LVDM1676, SN65LVDM1677
HIGHSPEED DIFFERENTIAL LINE TRANSCEIVERS
SLLS430B − NOVEMBER 2000 − REVISED OCTOBER 2004
1
WWW.TI.COM
D Sixteen Low-Voltage Differential
Transceivers Designed for Signaling Rates
Up to 630 Mbps
D Simplex (Point-to-Point) and Half-Duplex
(Multipoint) Interface
D Typical Differential Output Voltage of
340 mV Into a 50-
Ω Load
D Integrated 110-Ω Line Termination on
‘LVDM1677 Product
D Propagation Delay Time:
− Driver: 2.5 ns Typ
− Receiver: 3 ns Typ
D Recommended Maximum Transfer Rate:
− Driver: 650 M-Transfers/s
− Receiver: 350 M-Transfers/s
D Driver is High Impedance When Disabled or
With VCC < 1.5 V for Power Up/Down
Glitch-Free Performance and Hot-Plugging
Events
D Bus-Terminal ESD Protection Exceeds
12 kV
D Low-Voltage TTL (LVTTL) Logic Input
Levels Are 5-V Tolerant
D Packaged in Thin Shrink Small-Outline
Package With 20 mil Terminal Pitch
description
The
SN65LVDM1676
and
SN65LVDM1677
(integrated termination) are sixteen differential
line drivers and receivers configured as trans-
ceivers that use low-voltage differential signaling
(LVDS) to achieve signaling rates in excess of
600 Mbps.
These
products
are
similar
to
TIA/EIA-644
standard
compliant
devices
(SN65LVDS) counterparts except that the output
current of the drivers are doubled. This modification provides a minimum differential output voltage magnitude
of 247 mV into a 50-
Ω load and allows double-terminated lines and half-duplex operation. The receivers detect
a voltage difference of 100 mV with up to 1 V of ground potential difference between a transmitter and receiver.
Copyright
 2001 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
VCC
VCC
GND
ATX/RX
A1A
A2A
A3A
A4A
BTX/RX
B1A
B2A
B3A
B4A
GND
VCC
VCC
GND
C1A
C2A
C3A
C4A
CTX/RX
D1A
D2A
D3A
D4A
DTX/RX
GND
VCC
VCC
GND
A1Y
A1Z
A2Y
A2Z
A3Y
A3Z
A4Y
A4Z
B1Y
B1Z
B2Y
B2Z
B3Y
B3Z
B4Y
B4Z
C1Y
C1Z
C2Y
C2Z
C3Y
C3Z
C4Y
C4Z
D1Y
D1Z
D2Y
D2Z
D3Y
D3Z
D4Y
D4Z
SN65LVDM1676DGG ( Marked as LVDM1676)
SN65LVDM1677DGG (Marked as LVDM1677)
(TOP VIEW)
† Signaling rate, 1/t, where t is the minimum unit interval and is expressed in the units bits/s (bits per second)


Similar Part No. - SN65LVDM1677DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1677DGGR TI-SN65LVDM1677DGGR Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677DGGR TI-SN65LVDM1677DGGR Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677DGGRG4 TI-SN65LVDM1677DGGRG4 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677DGGRG4 TI-SN65LVDM1677DGGRG4 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
More results

Similar Description - SN65LVDM1677DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_13 Datasheet
311Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31 TI-SN65LVDS31_09 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com