Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVCH16T245 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVCH16T245
Description  16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH16T245 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVCH16T245 Datasheet HTML 2Page - Texas Instruments SN74AVCH16T245 Datasheet HTML 3Page - Texas Instruments SN74AVCH16T245 Datasheet HTML 4Page - Texas Instruments SN74AVCH16T245 Datasheet HTML 5Page - Texas Instruments SN74AVCH16T245 Datasheet HTML 6Page - Texas Instruments SN74AVCH16T245 Datasheet HTML 7Page - Texas Instruments SN74AVCH16T245 Datasheet HTML 8Page - Texas Instruments SN74AVCH16T245 Datasheet HTML 9Page - Texas Instruments SN74AVCH16T245 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN74AVCH16T245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES587A − AUGUST 2004 − REVISED OCTOBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Notes 9 and 10) (continued)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
−40
°C TO
85
°C
UNIT
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
Ioff
A port
VI or VO = 0 to 3.6 V
0 V
0 to 3.6 V
±0.1
±2.5
±5
A
Ioff
B port
VI or VO = 0 to 3.6 V
0 to 3.6 V
0 V
±0.1
±2.5
±5
µA
I
#
A or B
ports
VO = VCCO or
GND,
OE = VIH
3.6 V
3.6 V
±0.5
±2.5
±5
A
IOZ#
B port
VO = VCCO or
GND,
VI = VCCI or GND OE = don’t
0 V
3.6 V
±5
µA
A port
VI = VCCI or GND OE = don’t
care
3.6 V
0 V
±5
1.2 V to 3.6 V
1.2 V to 3.6 V
25
ICCA
VI = VCCI or GND, IO = 0
0 V
3.6 V
−5
µA
ICCA
VI = VCCI or GND, IO = 0
3.6 V
0 V
25
µA
1.2 V to 3.6 V
1.2 V to 3.6 V
25
ICCB
VI = VCCI or GND, IO = 0
0 V
3.6 V
25
µA
ICCB
VI = VCCI or GND, IO = 0
3.6 V
0 V
−5
µA
ICCA ) ICCB
VI = VCCI or GND, IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
45
µA
Ci
Control
inputs
VI = 3.3 V or GND
3.3 V
3.3 V
3.5
pF
Cio
A or B
ports
VO = 3.3 V or GND
3.3 V
3.3 V
7
pF
# For I/O ports, the parameter IOZ includes the input leakage current.
NOTES:
9. VCCO is the VCC associated with the output port.
10. VCCI is the VCC associated with the input port.
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.2 V (see Figure 1)
PARAMETER
FROM
TO
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
UNIT
tPLH
A
B
4.1
3.3
3
2.8
3.2
ns
tPHL
A
B
4.1
3.3
3
2.8
3.2
ns
tPLH
B
A
4.4
4
3.8
3.6
3.5
ns
tPHL
B
A
4.4
4
3.8
3.6
3.5
ns
tPZH
OE
A
6.4
6.4
6.4
6.4
6.4
ns
tPZL
OE
A
6.4
6.4
6.4
6.4
6.4
ns
tPZH
OE
B
6
4.6
4
3.4
3.2
ns
tPZL
OE
B
6
4.6
4
3.4
3.2
ns
tPHZ
OE
A
6.6
6.6
6.6
6.6
6.8
ns
tPLZ
OE
A
6.6
6.6
6.6
6.6
6.8
ns
tPHZ
OE
B
6
4.9
4.9
4.2
5.3
ns
tPLZ
OE
B
6
4.9
4.9
4.2
5.3
ns


Similar Part No. - SN74AVCH16T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH16T245 TI-SN74AVCH16T245 Datasheet
581Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH16T245 TI-SN74AVCH16T245 Datasheet
616Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH16T245GQLR TI-SN74AVCH16T245GQLR Datasheet
581Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH16T245GQLR TI-SN74AVCH16T245GQLR Datasheet
616Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH16T245GQLR TI1-SN74AVCH16T245GQLR Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
More results

Similar Description - SN74AVCH16T245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com