Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2500S Datasheet(PDF) 6 Page - Teccor Electronics

Part # K2500S
Description  Thyristor Product Catalog
Download  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

K2500S Datasheet(HTML) 6 Page - Teccor Electronics

Back Button K2500S Datasheet HTML 2Page - Teccor Electronics K2500S Datasheet HTML 3Page - Teccor Electronics K2500S Datasheet HTML 4Page - Teccor Electronics K2500S Datasheet HTML 5Page - Teccor Electronics K2500S Datasheet HTML 6Page - Teccor Electronics K2500S Datasheet HTML 7Page - Teccor Electronics K2500S Datasheet HTML 8Page - Teccor Electronics K2500S Datasheet HTML 9Page - Teccor Electronics K2500S Datasheet HTML 10Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 224 page
background image
http://www.teccor.com
P - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog(972) 580-7777
Product Descriptions
Thyristors
A thyristor is any semiconductor switch with a bi-stable action
depending on p-n-p-n regenerative feedback. Thyristors are nor-
mally two- or three-terminal devices for either unidirectional or bi-
directional circuit configurations. Thyristors can have many forms,
but they have certain commonalities. All thyristors are solid state
switches that are normally open circuits (very high impedance),
capable of withstanding rated blocking/off-state voltage until trig-
gered to on state. When triggered to on state, thyristors become a
low-impedance current path until principle current either stops or
drops below a minimum holding level. After a thyristor is triggered
to on-state condition, the trigger current can be removed without
turning off the device. Thyristors are used to control the flow of
electrical currents in applications including:
Home appliances (lighting, heating, temperature control, alarm
activation, fan speed)
Electrical tools (for controlled actions such as motor speed, sta-
pling event, battery charging)
Outdoor equipment (water sprinklers, gas engine ignition, elec-
tronic displays, area lighting, sports equipment, physical fitness)
Sensitive Triacs
Teccor's sensitive gate triacs are AC bidirectional silicon
switches that provide guaranteed gate trigger current levels in
Quadrants I, II, III, and IV. Interfacing to microprocessors or other
equipment with single polarity gate triggering is made possible with
sensitive gate triacs. Gate triggering currents of 3 mA, 5 mA,
10 mA, or 20 mA may be specified.
Sensitive gate triacs are capable of controlling AC load currents
from 0.8 A to 8 A rms and can withstand operating voltages from
200 V to 600 V.
Triacs
Teccor's triac products are bidirectional AC switches, capable of
controlling loads from 0.8 A to 35 A rms with 10 mA, 25 mA, and
50 mA IGT in operating Quadrants I, II and III.
Triacs are useful in full-wave AC applications to control AC power
either through full-cycle switching or phase control of current to the
load element. These triacs are rated to block voltage in the “OFF”
condition from 200 V minimum with selected products capable of
1000 V operation. Typical applications include motor speed con-
trols, heater controls, and incandescent light controls.
Quadrac
Quadrac devices, originally developed by Teccor, are triacs and
alternistor triacs with a diac trigger mounted inside the same pack-
age. These devices save the user the expense and assembly time
of buying a discrete diac and assembling in conjunction with a
gated triac.
The Quadrac is offered in capacities from 4 A to 15 A rms and volt-
ages from 200 V ac to 600 V ac.
Alternistor Triacs
The Teccor alternistor is specifically designed for applications
required to switch highly inductive loads. The design of this special
chip effectively offers the same performance as two thyristors
(SCRs) wired inverse parallel (back-to-back).
This new chip construction provides the equivalent of two electri-
cally-separate SCR structures, providing enhanced dv/dt charac-
teristics while retaining the advantages of a single-chip device.
Teccor manufactures 6 A to 40 A alternistors with blocking voltage
rating from 200 V to 1000 V. Alternistors are offered in TO-220,
TO-218, and TO-218X packages with isolated and non-isolated
versions.
Sensitive SCRs
Teccor's sensitive gate SCRs are silicon-controlled rectifiers repre-
senting the best in design, performance, and packaging techniques
for low- and medium-current applications.
Anode currents of 0.8 A to 10 A rms can be controlled by sensitive
gate SCRs with gate drive currents ranging from 12 µA to 500 µA.
Sensitive gate SCRs are ideally suited for interfacing to integrated
circuits or in applications where high current load requirements and
limited gate drive current capabilities exist. Examples include igni-
tion circuits, motor controls, and DC latching for alarms in smoke
detectors. Sensitive gate SCRs are available in voltage ratings to
600 V ac.
SCRs
Teccor's SCR products are half-wave, silicon-controlled rectifiers
that represent the state of the art in design and performance.
Load current capabilities range from 1 A to 70 A rms, and voltages
from 200 V to 1000 V may be specified to meet a variety of appli-
cation needs.
Because of its unidirectional switching capability, the SCR is used
in circuits where high surge currents or latching action is required.
It may also be used for half-wave-type circuits where gate-con-
trolled rectification action is required. Applications include crow-
bars in power supplies, camera flash units, smoke alarms, motor
controls, battery chargers, and engine ignition.
Surge current ratings are available from 30 A in the TO-92 packag-
ing to 950 A in the TO-218X package.
Rectifiers
Teccor manufactures 15 A to 25 A rms rectifiers with voltages
rated from 200 V to 1000 V. Due to the electrically isolated TO-220
package, these rectifiers may be used in common anode or com-
mon cathode circuits using only one part type, thereby simplifying
stock requirements.
Diacs
Diacs are trigger devices used in phase control circuits to provide
gate pulses to a triac or SCR. They are voltage-triggered bidirec-
tional silicon devices housed in DO-35 glass axial lead packages
and DO-214 surface mount packages.
Diac voltage selections from 27 V to 45 V provide trigger pulses
closely matched in symmetry at the positive and negative break-
over points to minimize DC component in the load circuit.
Some applications include gate triggers for light controls, dimmers,
power pulse circuits, voltage references in AC power circuits, and
triac triggers in motor speed controls.
Sidacs
Sidacs represent a unique set of thyristor qualities. The sidac is a
bidirectional voltage triggered switch. Some characteristics of this
device include a normal 95 V to 330 V switching point, negative
resistance range, latching characteristics at turn-on, and a low on-
state voltage drop.
One-cycle surge current capability up to 20 A makes the sidac an
ideal product for dumping charged capacitors through an inductor
in order to generate high-voltage pulses. Applications include light
controls, high-pressure sodium lamp starters, power oscillators,
and high-voltage power supplies.


Similar Part No. - K2500S

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K2500S TECCOR-K2500S Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
logo
Littelfuse
K2500S LITTELFUSE-K2500S Datasheet
181Kb / 7P
   High-voltage lamp ignitors
K2500S1URP LITTELFUSE-K2500S1URP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
K2500S70AP LITTELFUSE-K2500S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2500S70RP LITTELFUSE-K2500S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2500S

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
Q8008L5 TECCOR-Q8008L5 Datasheet
2Mb / 223P
   Thyristor Product Catalog
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
logo
Microsemi Corporation
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P030-QNG48 MICROSEMI-A3P030-QNG48 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com