Electronic Components Datasheet Search |
|
SN74CB3Q3244 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74CB3Q3244 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 17 page SN74CB3Q3244 8BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGHBANDWIDTH BUS SWITCH SCDS154B − OCTOBER 2003 − REVISED DECEMBER 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D High-Bandwidth Data Path (Up To 500 MHz†) D 5-V-Tolerant I/Os with Device Powered Up or Powered Down D Low and Flat ON-State Resistance (ron) Characteristics Over Operating Range (ron = 4 Ω Typical) D Rail-to-Rail Switching on Data I/O Ports − 0- to 5-V Switching With 3.3-V VCC − 0- to 3.3-V Switching With 2.5-V VCC D Bidirectional Data Flow, With Near-Zero Propagation Delay D Low Input/Output Capacitance Minimizes Loading and Signal Distortion (Cio(OFF) = 3.5 pF Typical) D Fast Switching Frequency (fOE = 20 MHz Max) † For additional information regarding the performance characteristics of the CB3Q family, refer to the TI application report, CBT-C, CB3T, and CB3Q Signal-Switch Families, literature number SCDA008. D Data and Control Inputs Provide Undershoot Clamp Diodes D Low Power Consumption (ICC = 0.7 mA Typical) D VCC Operating Range From 2.3 V to 3.6 V D Data I/Os Support 0- to 5-V Signaling Levels (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V) D Control Inputs Can Be Driven by TTL or 5-V/3.3-V CMOS Outputs D Ioff Supports Partial-Power-Down Mode Operation D Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II D ESD Performance Tested Per JESD 22 − 2000-V Human-Body Model (A114-B, Class II) − 1000-V Charged-Device Model (C101) D Supports Both Digital and Analog Applications: Differential Signal Interface, Memory Interleaving, Bus Isolation, Low-Distortion Signal Gating 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 1OE 1A1 2B4 1A2 2B3 1A3 2B2 1A4 2B1 GND VCC 2OE 1B1 2A4 1B2 2A3 1B3 2A2 1B4 2A1 DB, DBQ, DGV, DW, OR PW PACKAGE (TOP VIEW) RGY PACKAGE (TOP VIEW) 120 10 11 2 3 4 5 6 7 8 9 19 18 17 16 15 14 13 12 2OE 1B1 2A4 1B2 2A3 1B3 2A2 1B4 1A1 2B4 1A2 2B3 1A3 2B2 1A4 2B1 description/ordering information The SN74CB3Q3244 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage of the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance allows for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The device also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data bus. Specifically designed to support high-bandwidth applications, the SN74CB3Q3244 provides an optimized interface solution ideally suited for broadband communications, networking, and data-intensive computing systems. Copyright 2004, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - SN74CB3Q3244 |
|
Similar Description - SN74CB3Q3244 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |