Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3253 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3253
Description  DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3253 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CB3Q3253 Datasheet HTML 1Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 2Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 3Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 4Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 5Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 6Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 7Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 8Page - Texas Instruments SN74CB3Q3253 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OE
S1
1B4
1B3
1B2
1B1
1A
GND
VCC
2OE
S0
2B4
2B3
2B2
2B1
2A
DBQ, DGV, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
16
8
9
2
3
4
5
6
7
15
14
13
12
11
10
2OE
S0
2B4
2B3
2B2
2B1
S1
1B4
1B3
1B2
1B1
1A
DESCRIPTION/ORDERING INFORMATION
SN74CB3Q3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS145A – OCTOBER 2003 – REVISED MARCH 2005
Data and Control Inputs Provide Undershoot
Clamp Diodes
High-Bandwidth Data Path (up to 500 MHz (1))
Low Power Consumption (I
CC = 0.6 mA Typ)
5-V Tolerant I/Os With Device Powered Up or
Powered Down
V
CC Operating Range From 2.3 V to 3.6 V
Low and Flat ON-State Resistance (r
on)
Data I/Os Support 0- to 5-V Signal Levels (0.8
Characteristics Over Operating Range
V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
(r
on = 4 Ω Typ)
Control Inputs Can be Driven by TTL or
Rail-to-Rail Switching on Data I/O Ports
5-V/3.3-V CMOS Outputs
– 0- to 5-V Switching With 3.3-V V
CC
I
off Supports Partial-Power-Down Mode
Operation
– 0- to 3.3-V Switching With 2.5-V V
CC
Latch-Up Performance Exceeds 100 mA Per
Bidirectional Data Flow With Near-Zero
JESD 78, Class II
Propagation Delay
ESD Performance Tested Per JESD 22
Low Input/Output Capacitance Minimizes
Loading and Signal Distortion
– 2000-V Human-Body Model (A114-B,
(C
io(OFF) = 3.5 pF Typ)
Class II)
Fast Switching Frequency (f
OE = 20 MHz Max)
– 1000-V Charged-Device Model (C101)
Supports Both Digital and Analog
(1)
For additional information regarding the performance
Applications: USB Interface, Differential
characteristics of the CB3Q family, refer to the TI application
Signal Interface Bus Isolation, Low-Distortion
report CBT-C, CB3T, and CB3Q Signal-Switch Families,
literature number SCDA008.
Signal Gating
The SN74CB3Q3253 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage of
the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance allows
for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The device
also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data bus.
Specifically designed to support high-bandwidth applications, the SN74CB3Q3253 provides an optimized
interface solution ideally suited for broadband communications, networking, and data-intensive computing
systems.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74CB3Q3253

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253DBQR TI-SN74CB3Q3253DBQR Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253DBQR TI-SN74CB3Q3253DBQR Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253DBQR TI1-SN74CB3Q3253DBQR Datasheet
1Mb / 25P
[Old version datasheet]   Dual 1-of-4 FET Multiplexer ??Demultiplexer
More results

Similar Description - SN74CB3Q3253

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253ADS-T NXP-CBT3253ADS-T Datasheet
119Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 3-24 September 2013
CBT3253A NXP-CBT3253A Datasheet
110Kb / 17P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 02-8 February 2007
logo
Texas Instruments
SN74CB3T3253 TI-SN74CB3T3253 Datasheet
290Kb / 14P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253A PHILIPS-CBT3253A_15 Datasheet
167Kb / 15P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4-31 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com