Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX0805MRX7R0BB222 Datasheet(PDF) 9 Page - YAGEO Corporation

Part # CX0805MRX7R0BB222
Description  SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CX0805MRX7R0BB222 Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button CX0805MRX7R0BB222 Datasheet HTML 5Page - YAGEO Corporation CX0805MRX7R0BB222 Datasheet HTML 6Page - YAGEO Corporation CX0805MRX7R0BB222 Datasheet HTML 7Page - YAGEO Corporation CX0805MRX7R0BB222 Datasheet HTML 8Page - YAGEO Corporation CX0805MRX7R0BB222 Datasheet HTML 9Page - YAGEO Corporation CX0805MRX7R0BB222 Datasheet HTML 10Page - YAGEO Corporation CX0805MRX7R0BB222 Datasheet HTML 11Page - YAGEO Corporation CX0805MRX7R0BB222 Datasheet HTML 12Page - YAGEO Corporation CX0805MRX7R0BB222 Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
®
SELECTION CHART FOR X5R SIZES 0603
SIZE
Y-CAPACITOR
VOLTAGE
RATING
(V)
THICKNESS
(mm)
CTC ORDERING CODE
QUANTITY
PER REEL
CAP.
(nF)
TOLERANCE
( %)
0603
180
20%
10
0.65
CX0603MRX5R6BB184
4,000
220
20%
10
0.65
CX0603MRX5R6BB224
4,000
270
20%
10
0.65
CX0603MRX5R6BB274
4,000
330
20%
10
0.65
CX0603MRX5R6BB334
4,000
390
20%
10
0.65
CX0603MRX5R6BB394
4,000
470
20%
10
0.65
CX0603MRX5R6BB474
4,000
470
20%
10
0.65
CX0603MRX5R5BB474
4,000
Notes
THICKNESS CLASSIFICATION AND PACKING QUANTITIES FOR X7R
THICKNESS
CLASSIFICATION
(mm)
QUANTITY PER REEL
8 mm TAPE WIDTH
∅ 180 mm; 7"
∅ 330 mm; 13"
0603 - 1210
PAPER
BLISTER
PAPER
BLISTER
0.65 ±0.1
4,000
0.85 ±0.1
4,000
1.2 ±0.15
3,000
1.6 ±0.15
2,000


Similar Part No. - CX0805MRX7R0BB222

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CX0805MRX7R0BB222 PULSE-CX0805MRX7R0BB222 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

Similar Description - CX0805MRX7R0BB222

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
Continental Device Indi...
CX0805MRX7R8BB223 CDIL-CX0805MRX7R8BB223 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
logo
Abracon Corporation
AFS915D ABRACON-AFS915D Datasheet
155Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS868.35E ABRACON-AFS868.35E Datasheet
173Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS418E ABRACON-AFS418E Datasheet
173Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS916.5E ABRACON-AFS916.5E Datasheet
173Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com