Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXEF135 Datasheet(PDF) 1 Page - Littelfuse

Part # RXEF135
Description  PolySwitch PTC Devices
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

RXEF135 Datasheet(HTML) 1 Page - Littelfuse

  RXEF135 Datasheet HTML 1Page - Littelfuse RXEF135 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: RXEF135
DOCUMENT: SCD25224
REV LETTER: H
REV DATE: July 26, 2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse,Inc.
littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
Specification Status: Released
Electrical Rating
Voltage: 72 V max (AC or DC)
Current: 40 A max (AC or DC)
Insulating Material:
Cured, Flame Retardant Epoxy
Polymer
meets UL94 V-0 Requirements
Lead Material:
20 AWG Tin Plated Copper
Marking:
Manufacturer’s Mark
Lot Identification
and Part Identification
X135
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
14.5
--
19.1
4.3
5.8
7.6
--
--
3.0
in*:
--
(0.57)
--
(0.75)
(0.17)
(0.23)
(0.30)
--
--
(0.12)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS :
I HOLD
RATED
CURRENT
CURRENT
RATINGS
INITIAL
RESISTANCE
VALUES
TIME TO TRIP
ONE HOUR
POST-TRIP
RESISTANCE
STANDARD
TRIP
TRIPPED- STATE
POWER
DISSIPATION
AMPERES
AT 20
C
AMPERES
AT 20
C
OHMS
AT 20
C
SECONDS AT
20
C, 6.75A
OHMS
AT 20
C
WATTS
AT 20
C
WATT
S
AT
20
C
HOLD
HOLD
TRIP
MIN
MAX
MAX
MAX
NOMINAL
MAX
1.35
1.35
2.70
0.12
0.19
9.6
0.30
1.7
2.51
Agency Recognitions:
UL, CSA, TUV, CQC
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
Halogen Free*
* Halogen Free refers to: Br≤900ppm, Cl≤900ppm, Br+Cl≤1500pp
HF


Similar Part No. - RXEF135

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXEF135 MACOM-RXEF135 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
RXEF135 MACOM-RXEF135 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
RXEF135 MACOM-RXEF135 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
RXEF135 MACOM-RXEF135 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
RXEF135-1 LITTELFUSE-RXEF135-1 Datasheet
255Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - RXEF135

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RXEF030 LITTELFUSE-RXEF030 Datasheet
348Kb / 2P
   PolySwitch PTC Devices
RXEF050 LITTELFUSE-RXEF050 Datasheet
345Kb / 2P
   PolySwitch PTC Devices
SMDH120 LITTELFUSE-SMDH120 Datasheet
97Kb / 2P
   PolySwitch PTC Devices
SRP350F LITTELFUSE-SRP350F Datasheet
164Kb / 2P
   PolySwitch PTC Devices
LVR016S LITTELFUSE-LVR016S Datasheet
362Kb / 3P
   PolySwitch PTC Devices
LVR055S LITTELFUSE-LVR055S Datasheet
367Kb / 3P
   PolySwitch PTC Devices
NANOASMDC035F LITTELFUSE-NANOASMDC035F Datasheet
342Kb / 2P
   PolySwitch PTC Devices
LVB125 LITTELFUSE-LVB125 Datasheet
362Kb / 3P
   PolySwitch PTC Devices
MICROSMD250LR-A-2 LITTELFUSE-MICROSMD250LR-A-2 Datasheet
302Kb / 3P
   PolySwitch PTC Devices
MINIASMDC110F-16 LITTELFUSE-MINIASMDC110F-16 Datasheet
96Kb / 2P
   PolySwitch PTC Devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com