Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS34-AC Datasheet(PDF) 2 Page - Picker Components

Part # PCS34-AC
Description  AC Input Solid State Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS34-AC Datasheet(HTML) 2 Page - Picker Components

  PCS34-AC Datasheet HTML 1Page - Picker Components PCS34-AC Datasheet HTML 2Page - Picker Components PCS34-AC Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272
(888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PCS34 AC Input Rev D 4/04/2017
2 of 3
PRECAUTIONS
PCS34 AC Input
PCS34 AC Intput
DIMENSIONS (mm)
1)
Whenchoosing a SSR, note the actual loadcurrent and ambient temperature and reference the Characteristic Curves below.
2)
SSR require a adequate heat sinking or other effective cooling measures.
3)
With ambient temperature above 25°C refer to the curve of Max. Load Current vs Ambient Temperature for load current derating.
4)
5)
recommended screw installation torque asfollows :
M4 screw mounting
will damage the SSR withheat generated from connections.Also, excessive
6)
to the Current Load. With any heat sink test that the SSR basetemperature does not exceed 65"C.
7)
When using the PCS34 relay with an inductive load, it is suggested to select random
8)
do not choose products with varistor protection(i.e., a model with “Y” letter)
9)
Listed parameters are based on resistive loads. Do not use the relay beyond the described current, temperature, load or voltage limits as
described in this data sheet.
2 - 6.35 mm x 0.8 mm
Faston Terminal
2 - 4.75 mm x 0.8 mm
Faston Terminal
Screw Terminals
Quick Connects


Similar Part No. - PCS34-AC

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS34-DC PICKER-PCS34-DC Datasheet
1Mb / 3P
   DC Input Solid State Relay
More results

Similar Description - PCS34-AC

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS34 PICKER-PCS34 Datasheet
575Kb / 3P
   AC Input Solid State Relay
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
   AC/DC Input Solid State Relay
logo
Solid State Optronic
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
   AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
   AC Solid-State Relay
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
   AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
   AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
   AC SOLID STATE RELAY
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
   AC Solid State Relay
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
   AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
   AC Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com