Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLL170-2P132 Datasheet(PDF) 3 Page - SICK AG

Part # WLL170-2P132
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLL170-2P132 Datasheet(HTML) 3 Page - SICK AG

  WLL170-2P132 Datasheet HTML 1Page - SICK AG WLL170-2P132 Datasheet HTML 2Page - SICK AG WLL170-2P132 Datasheet HTML 3Page - SICK AG WLL170-2P132 Datasheet HTML 4Page - SICK AG WLL170-2P132 Datasheet HTML 5Page - SICK AG WLL170-2P132 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WLL170-2P132 | WLL170-2
FIBER-OPTIC SENSORS AND FIBERS
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
10 % 2)
Power consumption
≤ 30 mA 3)
Output type
PNP
Number of switching outputs
1
Switching mode
Light/dark switching
Switching mode selector
Selectable via light/dark selector
Output current Imax.
≤ 100 mA
Response time
≤ 250 µs 4)
Switching frequency
2,000 Hz 5)
Input
-
Connection type
Cable, 3-wire, 2 m 6)
Cable material
PVC
Conductor cross-section
0.2 mm²
Cable diameter
Ø 3.8 mm
Circuit protection
7)
8)
9)
10)
Protection class
III
Weight
70 g
Housing material
Plastic, ABS/PC
Enclosure rating
IP66 11)
Items supplied
BEF-WLL170 mounting bracket
Ambient operating temperature
–25 °C ... +55 °C
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
NRKH.E300503 & NRKH7.E300503
1) Limit values.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) Do not bend below 0 °C.
7) A = VS connections reverse-polarity protected.
8) B = inputs and output reverse-polarity protected.
9) C = interference suppression.
10) D = outputs overcurrent and short-circuit protected.
11) With correctly attached fibre-optic cable LL3 and closed protection hood.
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
2017-08-07 15:48:08 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3


Similar Part No. - WLL170-2P132

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLL170-2P162 SICK-WLL170-2P162 Datasheet
749Kb / 6P
   FIBER-OPTIC SENSORS AND FIBERS
WLL170-2P192 SICK-WLL170-2P192 Datasheet
749Kb / 6P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - WLL170-2P132

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com