Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WLL180T-F634 Datasheet(PDF) 4 Page - SICK AG

Part # WLL180T-F634
Description  FIBER-OPTIC SENSORS AND FIBERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WLL180T-F634 Datasheet(HTML) 4 Page - SICK AG

  WLL180T-F634 Datasheet HTML 1Page - SICK AG WLL180T-F634 Datasheet HTML 2Page - SICK AG WLL180T-F634 Datasheet HTML 3Page - SICK AG WLL180T-F634 Datasheet HTML 4Page - SICK AG WLL180T-F634 Datasheet HTML 5Page - SICK AG WLL180T-F634 Datasheet HTML 6Page - SICK AG WLL180T-F634 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WLL180T-F634 | WLL180T
FIBER-OPTIC SENSORS AND FIBERS
Ambient storage temperature
–40 °C ... +70 °C
UL File No.
NRKH2.E300503 & NRKH8.E300503
1) +- 10%.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Selectable.
5) A = VS connections reverse-polarity protected.
6) B = inputs and output reverse-polarity protected.
7) C = interference suppression.
8) D = outputs overcurrent and short-circuit protected.
9) With correctly attached fibre-optic cable LL3 and closed protection hood.
10) Operating temperature fluctuates according to number of devices connected: 4–8 devices: –25 °C ... +50 °C (output current 50 mA) / 9–16 devices: –25 °C ...
+45 °C (output current 20 mA).
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Adjustments possible
+
MODE
TEACH
OUT
1
2
3
4 5
6
7
①  Locking the fiber-optic cables
②  LED indicator orange, lights up when switching output is active
③  Numeric display 2 x 4-digit; green: switching threshold, operating mode; red: actual value, Teach-in and function parameter
④  Step pushbutton > (manual switching threshold: higher/next function parameter)
⑤  Step pushbutton < (manual switching threshold: lower/previous function parameter)
⑥  Mode/Enter-button
⑦  Teach-in button
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-04-06 17:11:29
Subject to change without notice


Similar Part No. - WLL180T-F634

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLL180T-F232 SICK-WLL180T-F232 Datasheet
765Kb / 6P
   FIBER-OPTIC SENSORS AND FIBERS
WLL180T-F333S01 SICK-WLL180T-F333S01 Datasheet
942Kb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
WLL180T-F434 SICK-WLL180T-F434 Datasheet
942Kb / 7P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - WLL180T-F634

ManufacturerPart #DatasheetDescription
logo
SICK AG
LL3-DH03 SICK-LL3-DH03 Datasheet
210Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DA03 SICK-LL3-DA03 Datasheet
244Kb / 3P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV06 SICK-LL3-DV06 Datasheet
212Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DV01 SICK-LL3-DV01 Datasheet
203Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT04 SICK-LL3-DT04 Datasheet
196Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT01 SICK-LL3-DT01 Datasheet
224Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DT05 SICK-LL3-DT05 Datasheet
199Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM37450 SICK-LL3-LM37450 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-LM38751 SICK-LL3-LM38751 Datasheet
192Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TA01 SICK-LL3-TA01 Datasheet
344Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-TB05 SICK-LL3-TB05 Datasheet
182Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com